Electronic Components Datasheet Search
  English  ▼

X  

PT31108 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT31108
Description  POT23/11 HDSL Broadband Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT31108 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT31108 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT31108 Datasheet HTML 2Page - Datatronic Distribution, Inc. PT31108 Datasheet HTML 3Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
April 3, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
PT311 Series POT23/11 HDSL Broadband Transformers
For Brooktree and Level One Chipsets
•
Designed to meet ANSI and ETSI requirement
•
Excellent THD performance
•
Matched to Brooktree and Level One chipsets
•
Maximum Height 0.50 inches (12.7mm)
•
1500Vrms Minimum Isolation
•
70/75/160mA DC Current Capability
•
Operating Temperature –40 to +85
oC.
•
Custom Design for Other Pinouts and Dimensions are available
Electrical Specification 1:
Datatronic
Part Number
Chipset
Maker
Chipset P/N
Application
Bit rate
(Kbps)
T/R
(Chip:Line)
+/-3%
Line Side
Inductance
(mH)
Line Side
DCR
(
Ω, Max.)
Chip Side
DCR
(
Ω, Max.)
PT31101
Brooktree
BT8921/BT8970
784Kbps
1CT:1:1
3.0 +/-6%
2.2 @(6-7), (8-9)
4.4 (2-4)
PT31102
Brooktree
BT8921/BT8970
1168Kbps
1CT:1:1
2.0 +/-6%
2.2 @(6-7), (8-9)
4.4 (2-4)
PT31103
Brooktree
BT8952
784Kbps
2CT:1:1
3.0 +/-6%
2.2 @(6-7), (8-9)
2.2 (2-4)
PT31104
Brooktree
BT8952
1168Kbps
2CT:1:1
2.0 +/-6%
2.2 @(6-7), (8-9)
2.2 (2-4)
PT31106
Brooktree
BT8960
416Kbps
1CT:1:1
3.5 +/-10%
2.2 @(6-7), (8-9)
2.2 (2-4)
PT31107
Brooktree
BT8960
288Kbps
1CT:1:1
5.0 +/-10%
2.5 @(6-7), (8-9)
2.5 (2-4)
PT31108
Brooktree
BT8960
160Kbps
1CT:1:1
8.0 +/-10%
3.0 @(6-7), (8-9)
3.0 (2-4)
PT31109
Level One
SK70704
784 (2 pair) 1CT:1.8CT
2.75 +/-6%
3.0 @(6-8), (8-10)
3.2 (2-4)
PT31110
Level One
SK70704
1168 (2 pair) 1CT:1.8CT
2.06 +/-6%
2.0 @(6-7), (9-10)
2.0 (2-4)
Electrical Specification 2:
Datatronic
Part Number
Schematic DC Current
Capability
(mA)
THD
(dB Typ. @135
Ω)
Return Loss
(dB Typ.)
Longitudinal
Balance
(dB Typ.@135
Ω)
Leakage
Inductance
(uH
, Typ.)
Hipot
(Vrms)
(Min.)
PT31101
A
70mA
-75 @200KHz, 6Vp-p 20 @40-200KHz
55 @196KHz
16
1500
PT31102
A
70mA
-75 @200KHz, 6Vp-p 16.5 @40-320KHz
55 @292KHz
16
1500
PT31103
A
160mA
-75 @200KHz, 6Vp-p 20 @40-200KHz
55 @196KHz
8
1500
PT31104
A
160mA
-75 @200KHz, 6Vp-p 16.5 @40-320KHz
55 @292KHz
8
1500
PT31106
A
70mA
-70 @104KHz, 6Vp-p 16.5 @33-110KHz
55 @104KHz
12
1500
PT31107
A
70mA
-70 @80KHz, 6Vp-p
16.5 @20-80KHz
55 @72KHz
12
1500
PT31108
A
70mA
-70 @40KHz, 6Vp-p
16.5 @9-40KHz
55 @40KHz
16
1500
PT31109
B
75mA
-75 @5KHz, 6Vp-p
20 @40-200KHz
50 @5-196KHz
-
2000
PT31110
C
75mA
-75 @5KHz, 6Vp-p
16.5 @40-320KHz 50 @5-292KHz
-
2500


Similar Part No. - PT31108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-24V TI-PT3100-24V Datasheet
180Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT3100-24V TI1-PT3100-24V Datasheet
214Kb / 3P
No External Components Required
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
PT3100-48V TI-PT3100-48V Datasheet
197Kb / 3P
15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT3101 TI1-PT3101 Datasheet
214Kb / 3P
No External Components Required
More results

Similar Description - PT31108

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78421P1457A005 EPCOS-B78421P1457A005 Datasheet
58Kb / 2P
xDSL Transformers HDSL Interface
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
HDSL, HDSL2 Coupling Transformers
logo
TALEMA Group. LLC
HPT-100A TALEMA-HPT-100A Datasheet
26Kb / 1P
HDSL Transformers
logo
Datatronic Distribution...
PT31301 DATATRONICS-PT31301 Datasheet
93Kb / 3P
POT23/11 ADSL Line Transformers
HD565-1 DATATRONICS-HD565-1 Datasheet
89Kb / 1P
HDSL Line Transformers
logo
Bothhand USA, LP.
HD-8622 BOTHHAND-HD-8622 Datasheet
72Kb / 1P
HDSL TRANSFORMERS
logo
Coilcraft lnc.
HD6788 COILCRAFT-HD6788 Datasheet
110Kb / 2P
HDSL Transformers
logo
Rhombus Industries Inc.
BT8921 RHOMBUS-IND-BT8921_99 Datasheet
45Kb / 1P
HDSL Line Interface Transformers
logo
Bel Fuse Inc.
2795AA BEL-2795AA_00 Datasheet
47Kb / 2P
Miniature Broadband Surface Mount Transformers
logo
Coilcraft lnc.
HD6788 COILCRAFT-HD6788_13 Datasheet
220Kb / 2P
HDSL Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com