Electronic Components Datasheet Search
  English  ▼

X  

SM535-1 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # SM535-1
Description  ADSL Line Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM535-1 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  SM535-1 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 7, 2007
DATATRONIC
:
28151 Highway 74, Romoland, CA 92858 Tel: 951-928-7700 Toll Free 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance = Inches: ±0.010
= Millimeters: ±0,25
2.
For non-RoHS parts replace SM prefix with 42- (e.g. SM535-1 becomes 42-535-1)
3.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C.
SM535-1 ADSL Line Transformers
Features
For use with Texas Instrument’s TNET D 4000 C/P chipset
Excellent Total Harmonic Distortion (THD) Performance
SMT and Small size package
Designed to meet IEC1950
ELECTRICAL SPECIFICATIONS AT 25
°C:
OPERATING TEMP: -40
°C to +85°C
TURNS RATIO (10-7):(1-4)
1 : 1.95
±2% (CHIP TO LINE)
OCL @10kHz, 0.1V
(1-4) WITH (2-3) SHORTED
1.5mH
±10%
LEAKAGE INDUCTANCE @10kHz 0.1V
(1-4) WITH (10-7) SHORTED
12.0
µH MAX
INTERWINDING CAPACITANCE
@10kHz, 0.1V (1-10)
35pF MAX
ISOLATION VOLTAGE (MAX)
1500 Vrms
DC RESISTANCE
(1-4) WITH (2-3) SHORTED
2.0
Ω MAX
APPLICATION
CO
OUTLINE DIMENSIONS
SCHEMATIC


Similar Part No. - SM535-1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM535-1 BOURNS-SM535-1 Datasheet
182Kb / 1P
ADSL Line Transformers
SM535-1E BOURNS-SM535-1E Datasheet
182Kb / 1P
ADSL Line Transformers
SM535-1EL BOURNS-SM535-1EL Datasheet
182Kb / 1P
ADSL Line Transformers
More results

Similar Description - SM535-1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT534-1 BOURNS-PT534-1 Datasheet
170Kb / 1P
ADSL Line Transformers
PT539-1 BOURNS-PT539-1 Datasheet
201Kb / 1P
ADSL Line Transformers
PT541-1 BOURNS-PT541-1 Datasheet
201Kb / 1P
ADSL Line Transformers
SM535-1 BOURNS-SM535-1 Datasheet
182Kb / 1P
ADSL Line Transformers
logo
Datatronic Distribution...
PT534-1 DATATRONICS-PT534-1 Datasheet
89Kb / 1P
ADSL Line Transformers
SM531-1 DATATRONICS-SM531-1 Datasheet
119Kb / 1P
ADSL Line Transformers
SM537-1 DATATRONICS-SM537-1 Datasheet
104Kb / 1P
ADSL Line Transformers
SM538-1 DATATRONICS-SM538-1 Datasheet
113Kb / 1P
ADSL Line Transformers
SM540-1 DATATRONICS-SM540-1 Datasheet
121Kb / 1P
ADSL Line Transformers
logo
Pulse A Technitrol Comp...
B834 PULSE-B834 Datasheet
527Kb / 1P
ADSL Line Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com