Electronic Components Datasheet Search
  English  ▼

X  

MSP50C32 Datasheet(PDF) 6 Page - Texas Instruments

Part # MSP50C32
Description  MIXED-SIGNAL PROCESSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP50C32 Datasheet(HTML) 6 Page - Texas Instruments

  MSP50C32 Datasheet HTML 1Page - Texas Instruments MSP50C32 Datasheet HTML 2Page - Texas Instruments MSP50C32 Datasheet HTML 3Page - Texas Instruments MSP50C32 Datasheet HTML 4Page - Texas Instruments MSP50C32 Datasheet HTML 5Page - Texas Instruments MSP50C32 Datasheet HTML 6Page - Texas Instruments MSP50C32 Datasheet HTML 7Page - Texas Instruments MSP50C32 Datasheet HTML 8Page - Texas Instruments MSP50C32 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MSP50C32, MSP50C33, MSP50C34
MSP50P34, MSP50C37, MSP50P37
MIXED-SIGNAL PROCESSORS
SPSS019A – MAY 1997 – REVISED OCTOBER 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements
MIN
MAX
UNIT
Initialization
tINIT
INIT pulsed low while the MSP50x3x has power applied (see Figure 1)
1
µs
Wakeup
tsu(wakeup)
Setup time prior to wakeup terminal negative transition (see Figure 2)
1
µs
External Interrupt
t
(i t
t)
Setup time prior to B1 terminal negative transition (see Figure 3)
fclock = 15.36 MHz
1
µs
tsu(interrupt) Setup time prior to B1 terminal negative transition (see Figure 3)
fclock = 19.2 MHz
1.5
µs
Writing (Slave Mode)
tsu1(B1)
Setup time, B1 low before B0 goes low (see Figure 4)
20
ns
tsu(d)
Setup time, data valid before B0 goes high (see Figure 4)
100
ns
th1(B1)
Hold time, B1 low after B0 goes high (see Figure 4)
20
ns
th(d)
Hold time, data valid after B0 goes high (see Figure 4)
30
ns
tw
Pulse duration, B0 low (see Figure 4)
100
ns
tr
Rise time, B0 (see Figure 4)
50
ns
tf
Fall time, B0 (see Figure 4)
50
ns
Reading (Slave Mode)
tsu2(B1)
Setup time, B1 before B0 goes low (see Figure 5)
20
ns
th2(B1)
Hold time, B1 after B0 goes high (see Figure 5)
20
ns
tdis
Output disable time, data valid after B0 goes high (see Figure 5)
0
30
ns
tw
Pulse duration, B0 low (see Figure 5)
100
ns
tr
Rise time, B0 (see Figure 5)
50
ns
tf
Fall time, B0 (see Figure 5)
50
ns
td
Delay time for B0 low to data valid (see Figure 5)
50
ns
PARAMETER MEASUREMENT INFORMATION
tINIT
INIT
Figure 1. Initialization Timing Diagram
tsu(wakeup)
Wakeup
Figure 2. Wakeup Terminal Setup Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com