Electronic Components Datasheet Search
  English  ▼

X  

PIM-SS Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # PIM-SS
Description  Ten-Input Monitor Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

PIM-SS Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  PIM-SS Datasheet HTML 1Page - Gamewell-FCI by Honeywell PIM-SS Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIM-SS
CS-2468
09/01/06
Page 2 of 2
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring instructions
shipped with the product shall always be used for actual installation. For more
information, contact Gamewell-FCI.
Specifications
Standby current: 3.5 mA (SLC current
draw with all addresses used; if some
addresses are disabled, the standby cur-
rent decreases).
Alarm current: 55 mA (assumes all ten
LEDs solid ON).
Temperature range: 32°F to 120°F (0°C
to 49°C) for UL applications
Humidity: 10% to 85% noncondensing
for UL applications
FIGURE 1:
Typical Initiating Device Circuit
Configuration —
Class B, Style B.
NOTE: Any number of UL-Listed contact
closure devices may be used. DO NOT MIX
fire alarm initiating and supervisory devices
on the same initiating device circuit. Install
contact closure devices per manufacturer’s
installation instructions.
FIGURE 2:
Typical Fault-Tolerant Initiating
Device Circuit Configuration —
Class A, Style D.
NOTE: Any number of UL-Listed contact closure
devices may be used. DO NOT MIX fire alarm initi-
ating and supervisory devices on the same initiat-
ing device circuit. Install contact closure devices
per manufacturer’s installation instructions.
Dimensions: 6.8" (172.72 mm) high x
5.8" (147.32 mm) wide x 1.25" (31.75
mm) deep.
Shipping weight: 1.1 lb. (0.499 kg) in-
cluding packaging.
Mounting options: CHS-6 chassis, BB-
25 cabinet, or suitably grounded metallic
cabinet.
Wire gauge: 12 AWG (3.25 mm²) to 18
AWG (0.9 mm²).
Power-limited circuits must employ
type FPL, FPLR, or FPLP cable as re-
quired by Article 760 of the NEC.
PIM-SS is shipped in Class B position;
remove shunt for Class A operation.
Maximum IDC wiring resistance: 1500
ohms.
Maximum IDC voltage: 12 VDC.
Maximum IDC current: 1 mA.
52347w1.wmf
52347w2.wmf



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com