Electronic Components Datasheet Search
  English  ▼

X  

NE5532A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # NE5532A
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE5532A Datasheet(HTML) 1 Page - Texas Instruments

  NE5532A Datasheet HTML 1Page - Texas Instruments NE5532A Datasheet HTML 2Page - Texas Instruments NE5532A Datasheet HTML 3Page - Texas Instruments NE5532A Datasheet HTML 4Page - Texas Instruments NE5532A Datasheet HTML 5Page - Texas Instruments NE5532A Datasheet HTML 6Page - Texas Instruments NE5532A Datasheet HTML 7Page - Texas Instruments NE5532A Datasheet HTML 8Page - Texas Instruments NE5532A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NE5532, NE5532A, SA5532, SA5532A
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
SLOS075H − NOVEMBER 1979 − REVISED MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Equivalent Input Noise Voltage
5 nV/
√Hz Typ at 1 kHz
D Unity-Gain Bandwidth . . . 10 MHz Typ
D Common-Mode Rejection
Ratio . . . 100 dB Typ
D High dc Voltage Gain . . . 100 V/mV Typ
D Peak-to-Peak Output Voltage Swing 32 V
Typ With VCC± = ±18 V and RL = 600 Ω
D High Slew Rate ...9 V/µs Typ
D Wide Supply-Voltage Range . . . ±3 V to
±20 V
description/ordering information
The NE5532, NE5532A, SA5532, and SA5532A are high-performance operational amplifiers combining
excellent dc and ac characteristics. They feature very low noise, high output-drive capability, high unity-gain and
maximum-output-swing bandwidths, low distortion, high slew rate, input-protection diodes, and output
short-circuit protection. These operational amplifiers are compensated internally for unity-gain operation. These
devices have specified maximum limits for equivalent input noise voltage.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − P
Tube of 50
NE5532P
NE5532P
PDIP − P
Tube of 50
NE5532AP
NE5532AP
Tube of 75
NE5532D
N5532
0
°C to 70°C
SOIC − D
Reel of 2500
NE5532DR
N5532
0
°C to 70°C
SOIC − D
Tube of 75
NE5532AD
N5532A
Reel of 2500
NE5532ADR
N5532A
SOP − PS
Reel of 2000
NE5532PSR
N5532
SOP − PS
Reel of 2000
NE5532APSR
N5532A
PDIP − P
Tube of 50
SA5532P
SA5532P
PDIP − P
Tube of 50
SA5532AP
SA5532AP
−40
°C to 85°C
Tube of 75
SA5532D
SA5532
−40
°C to 85°C
SOIC − D
Reel of 2500
SA5532DR
SA5532
SOIC − D
Tube of 75
SA5532AD
SA5532A
Reel of 2500
SA5532ADR
SA5532A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
NE5532, NE5532A . . . D, P, OR PS PACKAGE
SA5532, SA5532A ...D OR P PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - NE5532A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532A PHILIPS-NE5532A Datasheet
125Kb / 12P
Internally-compensated dual low noise operational amplifier
1997 Sept 29
logo
ON Semiconductor
NE5532A ONSEMI-NE5532A Datasheet
170Kb / 10P
Internally Compensated Dual Low Noise Operational Amplifier
March, 2006 ??Rev. 1
logo
Texas Instruments
NE5532A TI-NE5532A Datasheet
439Kb / 13P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532A TI-NE5532A Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532A TI2-NE5532A Datasheet
632Kb / 24P
NE5532x, SA5532x Dual Low-Noise Operational Amplifiers
REVISED JANUARY 2015
More results

Similar Description - NE5532A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-1997
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
August 2003 Rev.1.1
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI1-NE5532 Datasheet
966Kb / 23P
Dual Low-Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com