Electronic Components Datasheet Search
  English  ▼

X  

DP-2 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # DP-2
Description  Digital Alarm Communicator Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

DP-2 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  DP-2 Datasheet HTML 1Page - Gamewell-FCI by Honeywell DP-2 Datasheet HTML 2Page - Gamewell-FCI by Honeywell DP-2 Datasheet HTML 3Page - Gamewell-FCI by Honeywell DP-2 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
411UDAC CS-2509 09/01/06
Page 2 of 4
8: 4+1 Standard 1900 Hz Carrier, 1400 Hz ACK.
9: 4+1 Expanded 1900 Hz Carrier, 1400 Hz ACK.
A: 4+2 Standard 1800 Hz Carrier, 2300 Hz ACK.
B: 4+2 Expanded 1800 Hz Carrier, 2300 Hz ACK.
C: 4+2 Standard 1900 Hz Carrier, 1400 Hz ACK.
D: 4+2 Expanded 1900 Hz Carrier, 1400 Hz ACK.
E: Contact ID, DTMF, 1400/2300 ACK.
F: Future use.
Programming
An optional digital programming unit with a keypad, model PRO–411, is
available programming the 411UDAC. It is also used for troubleshooting
and accessing the various modes of operation. Off-site programming can
be accomplished with the optional PK-CD programming software. The PK-
CD enables a user to program the 411UDAC offsite via the public switched
telephone network using any personal computer with Windows® 3.1 or
higher or Windows® 95 and a 1200-baud Hayes® compatible modem.
Housing
The cabinet is red and measures 14.5" (36.83 cm) high x 12.5" (31.75 cm)
wide and 2.875" (7.303 cm) deep. It provides space for up to two 7 A.H.
batteries (order batteries separately). An optional dress panel, DP-2, which
mounts inside the cabinet, is available. The dress panel restricts access to
the system wiring but allows access to the membrane switch panel.
Transformer Assembly
One transformer is shipped in the same carton as the cabinet and main
circuit board but not mounted in the cabinet. The transformer should be
installed before the cabinet is mounted to the wall.
Auxiliary Relay
Two optional Form-C relays (411RK) are available for installation on the
411UDAC main circuit board. The relays are programmable for activation
on fire alarm, host panel trouble, fire supervisory, process monitoring, total
communications failure, and DACT trouble. Relay contact rating: 2.0
amps @ 30 VDC (resistive).
Features continued...
• Fully programmed transmittal codes for fire
and non-fire (e.g., process monitoring)
applications.
• Industry-first, user-selectable restoral
methods.
• Capable of transmitting the following
DACT information, in addition to vital
system status of the host control panel:
DACT troubles, telephone line 1 and 2
voltage fault, primary or secondary Central
Station communication fault, system off-
normal, 24-hour normal test and 24-hour
abnormal test.
• Includes 15 popular communication formats,
including the widely used Ademco Contact
ID format, ensuring compatibility with
virtually all DACRs.
• Local piezo sounder with separate and
distinct sounds for various conditions.
• Acknowledge/System Silence and Reset
switches.
• Alarm Verification.
• Signal silence inhibit.
• Autosilence.
• Trouble reminder (with 24-hour resound).
• Real-time clock.
• Optional two Form-C relays (411 RK),
fully programmable to activate for the
following conditions: Fire alarm, process
monitoring (autoresettable), host control
panel trouble, total communication trouble,
fire supervisory (latching and autoresettable),
DACT trouble (factory default for relay) and
process monitoring.
• Optional PK-CD Remote Upload/Download Kit.
• Optional DP-2 Dress Panel.
Specifications
AC Power (TB3): 120 VAC, 60 Hz, 0.3 amps.
Wire size: minimum 14 AWG (2.00 mm²) with
600 V insulation.
Battery (lead-acid only) (J3): maximum
charging circuit: normal flat charge 13.7 V
@ 0.6 amps.
Maximum charger capacity: 14 AH battery.
Channels/Inputs (TB2 terminals 1 through 10):
• Programmable channels 1 through 4.
• Power-limited circuitry.
• Fully supervised (monitored for opens, shorts,
and earth faults).
• Normal operating voltage: 12.0 VDC (ripple
100 mV maximum).
Specifications continued on page 3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com