Electronic Components Datasheet Search
  English  ▼

X  

DR334-472 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR334-472
Description  SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR334-472 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR334-472 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
May 13, 2008
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR334 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 4.7µH to 1000µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART No.
INDUCTANCE (
μH)
DCR
(
Ω) Max.
RATED CURRENT
(A) Max.
DR334-472
4.7
± 20% @ 7.96MHz,0.1V
0.043
1.50
DR334-103
10
± 20% @ 2.52MHz,0.1V
0.10
1.44
DR334-123
12
± 20% @ 2.52MHz,0.1V
0.12
1.35
DR334-153
15
± 20% @ 2.52MHz,0.1V
0.14
1.30
DR334-183
18
± 20% @ 2.52MHz,0.1V
0.15
1.23
DR334-223
22
± 20% @ 2.52MHz,0.1V
0.18
1.11
DR334-273
27
± 20% @ 2.52MHz,0.1V
0.20
0.97
DR334-333
33
± 20% @ 2.52MHz,0.1V
0.23
0.88
DR334-393
39
± 20% @ 2.52MHz,0.1V
0.32
0.80
DR334-473
47
± 20% @ 2.52MHz,0.1V
0.37
0.72
DR334-563
56
± 10% @ 2.52MHz,0.1V
0.42
0.68
DR334-683
68
± 10% @ 2.52MHz,0.1V
0.46
0.61
DR334-823
82
± 10% @ 2.52MHz,0.1V
0.60
0.58
DR334-104
100
± 10% @ 1kHz,0.1V
0.70
0.52
DR334-124
120
± 10% @ 1kHz,0.1V
0.93
0.48
DR334-154
150
± 10% @ 1kHz,0.1V
1.10
0.40
DR334-184
180
± 10% @ 1kHz,0.1V
1.38
0.38
DR334-224
220
± 10% @ 1kHz,0.1V
1.57
0.35
DR334-334
330
± 10% @ 1kHz,0.1V
1.80
0.28
DR334-474
470
± 10% @ 1kHz,0.1V
2.90
0.25
DR334-684
680
± 10% @ 1kHz,0.1V
4.20
0.22
DR334-105
1000
± 10% @ 1kHz,0.1V
5.70
0.18
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm”[inches “in”].
2.
General tolerance
±0.25mm[0.010 IN.], unless otherwise specified.
3.
Reel quantity 1500/reel
4.
For non-RoHS parts, replace DR prefix with 42- (e.g. DR334 becomes 42-334).
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C
.
1
5.40
[0.212]
5.80 ±0.30
[0.228]
5.20 ±0.30
[0.205]
3.00
[0.118]
XXX
SIDE VIEW
TOP VIEW
PCB SOLDER PAD LAYOUT (REF.)
BOTTOM VIEW
SCHEMATIC
2
4.50 ±0.35
[0.177]
1.30
[0.051]
5.90
[0.232]
1.50
[0.059]


Similar Part No. - DR334-472

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR334-472 DATATRONICS-DR334-472 Datasheet
102Kb / 1P
SMD INDUCTOR DR334 SERIES
More results

Similar Description - DR334-472

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
DR78097 DATATRONICS-DR78097 Datasheet
129Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com