Electronic Components Datasheet Search
  English  ▼

X  

DR341-260 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR341-260
Description  SELF-LEADED SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR341-260 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR341-260 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
February 27, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SELF-LEADED SMD INDUCTOR DR341 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 26µH to 260µH
Tape & Reel Packing
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 3)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART No.
INDUCTANCE (
µH)
±20% @100KHz, 0.1V
DCR (
Ω)
±20%
RATED CURRENT
(A) Nominal
ETop @100KHz
(V-
µSec) Ref.
DR341-260
26
0.62
0.45
6.6
DR341-390
39
0.80
0.34
6.6
DR341-550
55
1.00
0.30
6.6
DR341-790
79
1.50
0.25
9.9
DR341-121
120
1.80
0.20
13.2
DR341-181
180
2.80
0.16
16.5
DR341-261
260
3.40
0.13
23.1
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm” [inches “in”].
2.
General tolerance
±0.25mm [0.010 in.], unless otherwise specified.
3.
For non-RoHS parts replace DR prefix with 42- (e.g. DR341 becomes 42-341).
4.
Terminal finish is compliant to RoHS requirements
. Solder in accordance with J-STD-020C.
1
2
6.60
[0.260]
PCB SOLDER PAD LAYOUT (REF.)
FRONT VIEW
11.18
[0.440]
8.64
[0.340]
DATE
DR341
8.64
[0.340]
2.00
[0.079]
SIDE VIEW
6.86 Max.
[0.270 Max.]
SCHEMATIC
6.60
[0.260]
BOTTOM VIEW


Similar Part No. - DR341-260

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR341-260 DATATRONICS-DR341-260 Datasheet
151Kb / 1P
SELF-LEADED SMD INDUCTOR DR341 SERIES
More results

Similar Description - DR341-260

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR338-100 DATATRONICS-DR338-100 Datasheet
112Kb / 1P
SELF-LEADED SMD INDUCTOR
DR339-1-471 DATATRONICS-DR339-1-471 Datasheet
80Kb / 1P
SELF-LEADED SMD INDUCTOR
DR339-2-471 DATATRONICS-DR339-2-471 Datasheet
106Kb / 1P
SELF-LEADED SMD INDUCTOR
DR339-3-471 DATATRONICS-DR339-3-471 Datasheet
98Kb / 1P
SELF-LEADED SMD INDUCTOR
DR339-4-471 DATATRONICS-DR339-4-471 Datasheet
76Kb / 1P
SELF-LEADED SMD INDUCTOR
DR342-170 DATATRONICS-DR342-170 Datasheet
147Kb / 1P
SELF-LEADED SMD INDUCTOR
DR343-180 DATATRONICS-DR343-180 Datasheet
148Kb / 1P
SELF-LEADED SMD INDUCTOR
DR344-170 DATATRONICS-DR344-170 Datasheet
156Kb / 1P
SELF-LEADED SMD INDUCTOR
DR345-090 DATATRONICS-DR345-090 Datasheet
113Kb / 1P
SELF-LEADED SMD INDUCTOR
DR347-2-102 DATATRONICS-DR347-2-102 Datasheet
91Kb / 1P
SHIELDED SELF-LEADED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com