Electronic Components Datasheet Search
  English  ▼

X  

OP37G Datasheet(PDF) 17 Page - Texas Instruments

Part # OP37G
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37G Datasheet(HTML) 17 Page - Texas Instruments

Back Button OP37G Datasheet HTML 13Page - Texas Instruments OP37G Datasheet HTML 14Page - Texas Instruments OP37G Datasheet HTML 15Page - Texas Instruments OP37G Datasheet HTML 16Page - Texas Instruments OP37G Datasheet HTML 17Page - Texas Instruments OP37G Datasheet HTML 18Page - Texas Instruments OP37G Datasheet HTML 19Page - Texas Instruments OP37G Datasheet HTML 20Page - Texas Instruments OP37G Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
4.3 k
Ω
110 k
Ω
2.2
µF
Oscilloscope
Rin = 1 MΩ
22
µF
100 k
Ω
0.1
µF
LT1001
4.7
µF
2 k
Ω
100 k
Ω
10
Ω
0.1
µF
Voltage
Gain = 50,000
+
–
OP27/OP37
Device
Under
Test
24.3 k
Ω
0.01
0.1
1
10
100
100
90
80
70
60
50
40
30
f – Frequency – Hz
+
–
NOTE: All capacitor values are for nonpolarized capacitors only.
Figure 34. 0.1-Hz to 10-Hz Peak-to-Peak Noise Test Circuit and Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com