Electronic Components Datasheet Search
  English  ▼

X  

TIP514 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP514
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP514 Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP514 Datasheet HTML 1Page - Savantic, Inc. TIP514 Datasheet HTML 2Page - Savantic, Inc. TIP514 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
TIP514
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-10mA ; IB=0
-150
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA ; IC=0
-5
V
VCE(sat)
Collector-emitter saturation voltage
IC=-5A; IB=-0.5A
-2.0
V
VBE(sat)
Base-emitter saturation voltage
IC=-5A; IB=-0.5A
-2.5
V
ICBO
Collector cut-off current
VCB=-150V; IE=0
-10
µA
ICEO
Collector cut-off current
VCE=-150V; IB=0
-100
µA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-10
µA
hFE
DC current gain
IC=-2.5A ; VCE=-4V
30
150
fT
Transition frequency
IC=-0.5A ; VCE=-4V
40
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com