Electronic Components Datasheet Search
  English  ▼

X  

PMS430E313FZ Datasheet(PDF) 23 Page - Texas Instruments

Part # PMS430E313FZ
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PMS430E313FZ Datasheet(HTML) 23 Page - Texas Instruments

Back Button PMS430E313FZ Datasheet HTML 19Page - Texas Instruments PMS430E313FZ Datasheet HTML 20Page - Texas Instruments PMS430E313FZ Datasheet HTML 21Page - Texas Instruments PMS430E313FZ Datasheet HTML 22Page - Texas Instruments PMS430E313FZ Datasheet HTML 23Page - Texas Instruments PMS430E313FZ Datasheet HTML 24Page - Texas Instruments PMS430E313FZ Datasheet HTML 25Page - Texas Instruments PMS430E313FZ Datasheet HTML 26Page - Texas Instruments PMS430E313FZ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
MSP430x31x
MIXED SIGNAL MICROCONTROLLERS
SLAS165D – FEBRUARY 1998 – REVISED APRIL 2000
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
JTAG fuse check mode
MSP430 devices that have the fuse on the TDI/VPP terminal have a fuse check mode that tests the continuity
of the fuse the first time the JTAG port is accessed after a power-on reset (POR). When activated, a fuse check
current, ITF, of 1 mA at 3 V, 2.5 mA at 5 V can flow from the TDI/VPP pin to ground if the fuse is not burned.
Care must be taken to avoid accidentally activating the fuse check mode and increasing overall system power
consumption.
Activation of the fuse check mode occurs with the first negative edge on the TMS pin, after power up, or if the
TMS is being held low after power-up. The second positive edge on the TMS pin deactivates the fuse check
mode. After deactivation, the fuse check mode remains inactive until another POR occurs. After each POR the
fuse check mode has the potential to be activated.
Time TMS Goes Low After POR
TMS
ITF
ITDI
Figure 6. Fuse Check Mode Current, MSP430P/E313,P/E315,C31x
Care must be taken to avoid accidentally activating the fuse check mode, including guarding against EMI/ESD
spikes that could cause signal edges on the TMS pin.
Configuration of TMS, TCK, TDI/VPP and TDO/TDI pins in applications.
C3xx
P/E3xx
TDI
Open
68k, pulldown
TDO
Open
68k, pulldown
TMS
Open
Open
TCK
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com