Electronic Components Datasheet Search
  English  ▼

X  

OP37EP Datasheet(PDF) 10 Page - Texas Instruments

Part # OP37EP
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OP37EP Datasheet HTML 6Page - Texas Instruments OP37EP Datasheet HTML 7Page - Texas Instruments OP37EP Datasheet HTML 8Page - Texas Instruments OP37EP Datasheet HTML 9Page - Texas Instruments OP37EP Datasheet HTML 10Page - Texas Instruments OP37EP Datasheet HTML 11Page - Texas Instruments OP37EP Datasheet HTML 12Page - Texas Instruments OP37EP Datasheet HTML 13Page - Texas Instruments OP37EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
1 k
OP27
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
28
24
20
16
12
8
4
10 k
100 k
1 M
10 M
f – Frequency – Hz
0
10 k
OP37
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
28
24
20
16
12
8
4
100 k
1 M
10 M
f – Frequency – Hz
0
VCC
± = ± 15 V
RL = 1 kΩ
TA = 25°C
VCC
± = ± 15 V
RL = 1 kΩ
TA = 25°C
Figure 8
Figure 9
2400
2500
10
OP27A, OP27E, OP37A, OP37E
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
TOTAL SUPPLY VOLTAGE
OP27A, OP27E, OP37A, OP37E
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
0.1
110
100
RL – Load Resistance – kΩ
VCC + – VCC – – Total Supply Voltage – V
0
20
304050
2000
1500
1000
500
0
2200
2000
1800
1600
1400
1200
1000
800
600
400
VO = ± 10 V
TA = 25°C
RL = 1 kΩ
VCC
± = ± 15 V
VO = ± 10 V
TA = 25°C
RL = 2 kΩ
Figure 10
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com