Electronic Components Datasheet Search
  English  ▼

X  

DR78097 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR78097
Description  SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR78097 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR78097 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
October 19, 2005
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR78097
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Tape & Reel Packing
Materials meet UL94V-0
Operating Temp. -40
°C to +130°C (see note below)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART No.
INDUCTANCE (
µH)
DCR
(
Ω) Max.
RATED CURRENT
(A) Max.
DR334-104
100
± 10% @ 1KHz,0.1V
0.70
0.52
Note:
1. Full rated current is based on an ambient operating temperature of 85ºC with a 45ºC maximum temperature rise in free air.
All materials are rated at 155ºC or higher.
2. The DR78097 will be marked DR334-104 or 104 on the part. Dr334-104 will be on the packaging.
MECHANICAL OUTLINES
NOTES:
1.
ALL DIMENSIONS ARE SHOWN IN MILLIMETER “mm”[INCHES “IN”].
2.
GENERAL TOLERANCE
±0.15mm[0.006 IN.], UNLESS OTHER SPECIFIED.
3.
REEL QUANTITY 1500/REEL
1
5.40
[0.212]
5.80 ±0.30
[0.228]
5.20 ±0.30
[0.205]
3.00
[0.118]
334
SIDE VIEW
TOP VIEW
PCB SOLDER PAD LAYOUT (REF.)
BOTTOM VIEW
SCHEMATIC
2
4.50 ±0.35
[0.177]
1.30
[0.051]
5.90
[0.232]
1.50
[0.059]


Similar Part No. - DR78097

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR78098 DATATRONICS-DR78098 Datasheet
124Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR78097

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com