Electronic Components Datasheet Search
  English  ▼

X  

PT5021 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT5021
Description  POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5021 Datasheet(HTML) 1 Page - Texas Instruments

  PT5021 Datasheet HTML 1Page - Texas Instruments PT5021 Datasheet HTML 2Page - Texas Instruments PT5021 Datasheet HTML 3Page - Texas Instruments PT5021 Datasheet HTML 4Page - Texas Instruments PT5021 Datasheet HTML 5Page - Texas Instruments PT5021 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Ordering Information
PT5021
o = -3.3 Volts
PT5022
o = -5 Volts
PT5023
o = -9 Volts
PT5024
o = -12 Volts
PT5025
o = -15 Volts
PT5026
o = -5.2 Volts
PT5027
o = -8.0 Volts
PT5028
o = -6.5 Volts
PT5029
o = -5.5 Volts
PT5030
o = -6.0 Volts
PT5031
o = -1.7 Volts
Pin
Function
1Vin
2
GND
3Vout
Standard Application
C1 = Optional ceramic (1-5µF)
C2 = Required Electrolytic (100µF)
Features
• Negative Output
• Input Voltage Range:
+4.75 to +7 Volts
• Laser-Trimmed
• Small Footprint
• Soft Start
• 5-Pin Mount Option
(Suffixes L & M)
Description
The PT5020 series of integrated
switching regulators (ISRs) convert a
positive input voltage, typically +5V, to a
negative output voltage for a wide range of
analog and datacom applications.
These Plus to Minus ISRs incorporate
a “Buck-Boost” topology and are packaged
in the 3-pin, single in-line pin (SIP)
package configuration.
NOTE: PT5020 ISRs are not Short-Circuit Protected.
Positive Input/Negative Output
Integrated Switching Regulator
PT5020 Series
Pin-Out Information
SLTS025B
(Revised 12/19/2001)
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(EAD)
Horizontal
A
(EAA)
SMD
C
(EAC)
Horizontal, 2-pin Tab
M
(EAM)
SMD, 2-Pin Tab
L
(EAL)
* Previously known as package styles 100/110.
(Reference the applicable package code drawing
for the dimensions and PC board layout)
PT5020
3
2
1
C
2
100µF +
C
1
–V
out
COM
COM
+V
in
Specifications (Unless otherwise stated, Ta =25°C, Vin =5V, Io =Iomax, C2 =100µF)
PT5020 SERIES
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo= –1.7V to –6.5V
0.25 (1)
—
1.0
Vo= –9V
0.10 (1)
—0.60
A
Vo= –12V
0.10 (1)
—0.50
Vo= –15V
0.10 (1)
—0.30
Input Voltage Range
Vin
Over Io range
4.75
—
7 (2)
V
Output Voltage Tolerance
∆Vo
Over Vin Range
—
±1.5
±3
%Vo
Ta = -20°C to SOA limit (3)
Line Regulation
Regline
Over Vin range
—
±0.5
±1
%Vo
Load Regulation
Regload
Iomin ≤ Io ≤ Iomax
—
±0.5
±1
%Vo
Efficiency
η
Io =0.5 Iomax
—
75
—
%
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
—
±2
±5
%Vo
Transient Response
ttr
25% load change
—
500
—
µSec
Vo over/undershoot
—
3.0
5.0
%Vo
Current Limit
Ilim
—150
—
%Iomax
Inrush Current
Iir
On start up
—
1.0 (3)
—A
tir
—
1.0
—
mSec
Switching Frequency
ƒs
Over Io range
Vo =1.7 to 8V
0.8
1
1.2
MHz
Vo ≥8 V
500
650
800
kHz
Operating Temperature Range
Ta
—
-20
—
+85 (4)
°C
Thermal Resistance
θ
ja
Free Air Convection
—
50
—
°C/W
(40-60LFM)
Storage Temperature
Ts
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
1 msec, Half Sine, mounted to a fixture
Mechanical Vibration
Suffixes N, A, & C
—
5
—
G’s
Per Mil-STD-883D, 20-2000 Hz
Suffixes L & M
—
20
—
Weight
Suffixes N, A, & C
—
4.5
—
grams
Suffixes L & M
—
6.5 (5)
—
Notes:
(1) The ISR will operate at no load with reduced specifications.
(2) For applications with input voltages greater than 7 VDC, use the PT78NR100 Series.
(3) The inrush current stated is above the normal input current for the associated output load.
(4) See Safe Operating Area curves or consult the factory for the appropriate derating
(5) The tab pins on the 5-pin mount package types (suffixes L & M) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT5021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5021 TI-PT5021 Datasheet
210Kb / 3P
POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT5021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5022A TI-PT5022A Datasheet
210Kb / 3P
POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT6933 TI-PT6933 Datasheet
169Kb / 7P
8-A 5V-Input Dual-Output Integrated Switching Regulator
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
MORNSUN Science& Techno...
K7803-500 MORNSUN-K7803-500 Datasheet
118Kb / 3P
SINGLE POSITIVE/NEGATIVE OUTPUT
K7803-1000 MORNSUN-K7803-1000 Datasheet
109Kb / 3P
SINGLE POSITIVE /NEGATIVE OUTPUT
logo
HuaXinAn Electronics CO...
AP1156ADSXX HUAXINAN-AP1156ADSXX Datasheet
792Kb / 24P
Negative Input / Output Voltage LDO Regulator
logo
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
Negative output from positive input
logo
Asahi Kasei Microsystem...
AP1156ADSXX AKM-AP1156ADSXX Datasheet
780Kb / 25P
Negative Input / Output Voltage LDO Regulator
AP1156ADS15 AKM-AP1156ADS15 Datasheet
780Kb / 25P
Negative Input / Output Voltage LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com