Electronic Components Datasheet Search
  English  ▼

X  

SM76760 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # SM76760
Description  SMD GATE DRIVE TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM76760 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  SM76760 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
September 4, 2008
DATATRONIC:
28151 Highway 74, Romoland, CA 92585 Tel 951-928-7700, Toll free 888-889-5391, FAX 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
.315 MAX
8,00
.260
q
MAX
6,60
.146
3,70
.073
1,85
.024
0,61
.170 MAX
4,31
.060
1,52
.330
8,38
.100
2,54
SUGGESTED PAD
LAYOUT
.060
1,52
.050
1,27
1
2
3
4
5
6
SMD GATE DRIVE TRANSFORMERS
SM580 Series & SM76760
Part
Number
Turns
Ratio
±1%
Primary
Inductance
(µH MIN)
Leakage
Inductance
(µH MAX)
DCR
Primary
(Ω
MAX)
DCR
Secondary
(Ω MAX)
VµS (Typ)
HIPOT
Pri-Sec
Schematic
SM580-1
1 : 1
330
2.2 (1-6)
short (3-4)
2.8
3.2
21
1500
B
SM580-2
1 : 1.5
330
2.2 (1-6)
short (3-4)
2.8
4.2
21
1500
B
SM580-3
1 : 1 : 1
330
2.2 (1-6)
short (2-5)
& (3-4)
2.8
2.8
(2-5) &
(3-4)
21
1500
6
A
SM76760
2 : 1 : 1
330
2.2 (1-6)
short (2-5)
& (3-4)
2.0
1.2
(2-5) &
(3-4)
22.2
1500
6
A
MECHANICAL OUTLINE
Notes:
1.
All dimensions are in inches/mm
2.
Unless otherwise specified, tolerance is ± .010/0,25
3.
Coplanarity is 0.004/0,102
4.
For non-RoHS parts replace the SM prefix with 42- (e.g. SM580-1 becomes 42-580-1)
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C
6.
Secondary HIPOT 500 VDC between winding on SM580-3 & SM76760
Features
Low Profile Surface Mount Design
Metal Cover Gives Improved EMI Shielding
Operating Temp. -40°C to +130°C
Tinned Leads with Leaded Solder is Available
(Note 4)
1
6
2
5
3
4
SCHEMATIC A
3
4
1
6
SCHEMATIC B


Similar Part No. - SM76760

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM76760 DATATRONICS-SM76760 Datasheet
81Kb / 1P
GATE DRIVE TRANSFORMER
More results

Similar Description - SM76760

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PMGD-02 PMI-PMGD-02 Datasheet
117Kb / 3P
GATE DRIVE & BASE DRIVE TRANSFORMERS
logo
EPCOS
B82804A0354A110 EPCOS-B82804A0354A110 Datasheet
579Kb / 5P
SMT gate drive transformers
logo
Pulse A Technitrol Comp...
PE-68386T PULSE-PE-68386T Datasheet
1Mb / 5P
SMT Gate Drive Transformers
PA0264NLT PULSE-PA0264NLT Datasheet
144Kb / 3P
SMT GATE DRIVE TRANSFORMERS
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
SMT GATE DRIVE TRANSFORMERS
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
SMT Gate Drive Transformers
PA2001NLT PULSE-PA2001NLT Datasheet
788Kb / 3P
SMT Gate Drive Transformers
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
Gate Drive Transformers
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
Gate Drive Transformers
logo
Vishay Siliconix
UGDT VISHAY-UGDT Datasheet
92Kb / 3P
Micro Gate Drive Transformers
27-Oct-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com