Electronic Components Datasheet Search
  English  ▼

X  

PT6502 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6502
Description  8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6502 Datasheet(HTML) 2 Page - Texas Instruments

  PT6502 Datasheet HTML 1Page - Texas Instruments PT6502 Datasheet HTML 2Page - Texas Instruments PT6502 Datasheet HTML 3Page - Texas Instruments PT6502 Datasheet HTML 4Page - Texas Instruments PT6502 Datasheet HTML 5Page - Texas Instruments PT6502 Datasheet HTML 6Page - Texas Instruments PT6502 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
PT6501, 3.3 VDC, Vin=5.0V
(See Note 1)
PT6502, 1.5 VDC, Vin=5.0V
(See Note 1)
PT6503, 2.5 VDC, Vin=5.0V
(See Note 1)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
For assistance or to order, call (800) 531-5782
3
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
PT6500
Series
CHARACTERISTIC
DA T A
Specifications
(continued)
Characteristics
PT65000 SERIES
(T
a=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Switching Frequency
ƒo
Over Vin and Io ranges
475
600
725
KHz
Absolute Maximum
Ta
0—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Vin = +5V, Io = 6.0A
0
—
+70**
°C
Temperature Range
Free Air Convection (40-60LFM)
Thermal Resistance
θ
ja
Free Air Convection (40-60LFM)
—
15
—
°C/W
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3,
—
500
—
G’s
1msec, half sine, fixture mounted
Mechanical Vibration
—
7.5
—
G’s
Weight
—
23
—
grams
** See Thermal Derating charts.
Note:
The PT6500 Series requires a 330µF electrolytic or tantalum input and output capacitor for proper operation in all applications.
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
0
1
2
3
4
5
6
7
01
2345
6
7
8
Iout-(Amps)
6.0V
5.5V
5.0V
4.5V
Vin
0
1
2
3
4
5
6
01
2
34
567
8
Iout-(Amps)
6.0V
5.0V
4.5V
4.0V
3.5V
3.1V
Vin
0
1
2
3
4
5
6
7
012
3
456
78
Iout-(Amps)
6.0V
5.5V
5.0V
4.5V
4.0V
Vin
40
50
60
70
80
90
100
0123
4
5678
Iout-(Amps)
4.5V
5.0V
5.5V
6.0V
Vin
40
50
60
70
80
90
100
0
1
23
45
67
8
Iout-(Amps)
3.1V
3.5V
4.0V
4.5V
5.0V
6.0V
Vin
40
50
60
70
80
90
100
01
234
56
78
Iout-(Amps)
4.0V
4.5V
5.0V
5.5V
6.0V
Vin
0
5
10
15
20
25
30
35
01
23
45
6
7
8
Iout-(Amps)
6.0V
5.5V
5.0V
4.5V
Vin
0
10
20
30
40
50
01
2
3456
78
Iout-(Amps)
3.1V
3.5V
4.0V
4.5V
5.0V
6.0V
Vin
0
10
20
30
40
50
60
0
1
2
345
67
8
Iout-(Amps)
6.0V
5.5V
5.0V
4.5V
4.0V
Vin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com