Electronic Components Datasheet Search
  English  ▼

X  

S40D60 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # S40D60
Description  SCHOTTKY BARRIER RECTIFIERS(40A,30-60V)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S40D60 Datasheet(HTML) 1 Page - Mospec Semiconductor

  S40D60 Datasheet HTML 1Page - Mospec Semiconductor S40D60 Datasheet HTML 2Page - Mospec Semiconductor S40D60 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - S40D60

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S40D60C WTE-S40D60C Datasheet
56Kb / 4P
40A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
logo
Mospec Semiconductor
S40D60CE MOSPEC-S40D60CE Datasheet
180Kb / 2P
Schottky Barrier Rectifiers
S40D60CL MOSPEC-S40D60CL Datasheet
149Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
logo
Compact Technology Corp...
S40D60PT CTC-S40D60PT Datasheet
274Kb / 3P
Schottky Barrier Rectifier
S40D60PTS CTC-S40D60PTS Datasheet
448Kb / 3P
Schottky Barrier Rectifier
More results

Similar Description - S40D60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S05A30 MOSPEC-S05A30 Datasheet
225Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5A,30-60V)
S08A30 MOSPEC-S08A30 Datasheet
235Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(8A,30-60V)
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S15A30 MOSPEC-S15A30 Datasheet
235Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(15A,30-60V)
S16C30 MOSPEC-S16C30 Datasheet
229Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(16A,30-60V)
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S20S30 MOSPEC-S20S30 Datasheet
245Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
S30C30 MOSPEC-S30C30 Datasheet
256Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(30A,30-60V)
S50D30 MOSPEC-S50D30 Datasheet
257Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(50A,30-60V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com