Electronic Components Datasheet Search
  English  ▼

X  

PT6409 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6409
Description  3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6409 Datasheet(HTML) 2 Page - Texas Instruments

  PT6409 Datasheet HTML 1Page - Texas Instruments PT6409 Datasheet HTML 2Page - Texas Instruments PT6409 Datasheet HTML 3Page - Texas Instruments PT6409 Datasheet HTML 4Page - Texas Instruments PT6409 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://
www.powertrends.com
25
CHARACTERISTIC
DA T A
0
0.5
1
1.5
2
2.5
3
4.5
4 .7 5
5
5.25
5.5
PT6408, 1.2 VDC
(See Note 1)
PT6407, 2.1 VDC
(See Note 1)
PT6405, 3.3 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
10 0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4.5V
5.0V
5.5V
Vin
40
50
60
70
80
90
10 0
0
0.5
1
1.5
2
2.5
3
4.5V
5.0V
5.5V
Vin
40
50
60
70
80
90
100
00.5
11.5
22.5
3
4.5V
5.0V
5.5V
Vin
0
0.5
1
1.5
2
2.5
3
4.5
4.75
5
5.25
5.5
85°C
85°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5.5V
5.0V
4.5V
Vin
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
5.5V
5.0V
4.5V
Vin
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
0
0.5
1
1.5
2
2.5
00.5
11.5
22.5
3
5.5V
5.0V
4.5V
Vin
PT6400
Series
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
5.5V
5.0V
4.5V
Vin
0
20
40
60
80
10 0
00.5
11.5
22.5
3
5.5V
5.0V
4.5V
Vin
0
20
40
60
80
10 0
00.5
11.5
22.5
3
5.5V
5.0V
4.5V
Vin
0
0.5
1
1.5
2
2.5
3
4.5
4.75
5
5.25
5.5
85°C
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com