Electronic Components Datasheet Search
  English  ▼

X  

PT6302H Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6302H
Description  3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6302H Datasheet(HTML) 1 Page - Texas Instruments

  PT6302H Datasheet HTML 1Page - Texas Instruments PT6302H Datasheet HTML 2Page - Texas Instruments PT6302H Datasheet HTML 3Page - Texas Instruments PT6302H Datasheet HTML 4Page - Texas Instruments PT6302H Datasheet HTML 5Page - Texas Instruments PT6302H Datasheet HTML 6Page - Texas Instruments PT6302H Datasheet HTML 7Page - Texas Instruments PT6302H Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
3 Amp Adjustable Positive Step-down
Integrated Sw itching Regulators
PT6300 Series
• 90% Efficiency
• Adjustable Output Voltage
• Internal Short Circuit Protection
• Over-Temperature Protection
• On/Off Control (Ground Off)
• Small SIP Footprint
• Wide Input Range
The PT6300 Series is a line of
High-Performance 3 Amp, 12-Pin SIP
(Single In-line Package) Integrated
Switching Regulators (ISRs) designed
to meet the on-board power conversion
needs of battery powered or other
equipment requiring high efficiency and
small size. This high performance ISR
family offers a unique combination of
features combining 90% typical effi-
ciency with open-collector on/off
control and adjustable output voltage.
Quiescent current in the shutdown
mode is typically less than 100µA.
Standard Application
C1 = Optional 1µF ceramic
C2 = Required 100µF electrolytic (1)
Q1 = NFET
Ordering Information
PT6302
¨ = +5 Volts
PT6303
¨ = +3.3 Volts
PT6304
¨ = +12 Volts
PT6314
¨ = +1.5Volts
Pin-Out Information
Pin
Function
1
Inhibit
(30V max)
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
Vout Adj (5)
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
PT6300
2,3,4
5,6,7,8
9,10,11
12
V
IN
COM
COM
V
OUT
C2
+
1
V
OADJ
INH
Q1
C1
Pkg Style 200
SLTS031B
(Revised 9/30/2000)
Specifications
Characteristics
PT6300 SERIES
(Ta=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1 (2)
—
3.0
A
Short Circuit Current
Isc
Vin = Vo + 5V
—
5.0
—
Apk
Input Voltage Range
Vin
0.1
≤ Io ≤ 3.0 A
Vo = 12V
16
—
30/38 (3)
(Note: inhibit function cannot
Vo = 5.0V
9
—
30/38 (3)
V
be used above 30V.)
Vo = 3.3V
9
—
26
Vo = 1.5V
9.0
—
17
Output Voltage Tolerance
∆Vo
Over Vin Range, Io = 3.0 A
—
±1.0
±2.0
%Vo
Ta = 0°C to +60°C
Line Regulation
Regline
Over Vin range
—
±0.25
±0.5
%Vo
Load Regulation
Regload
0.1
≤ Io ≤ 3.0 A
—
±0.25
±0.5
%Vo
Vo Ripple/Noise
Vn
Vin = Vin min, Io = 3.0 A
—
±2
—
%Vo
Transient Response
ttr
50% load change
—
100
200
µSec
with Co = 100µF
Vos
Vo over/undershoot
—
5.0
—
%Vo
Efficiency
η
Vin=16V, Io = 0.5 A,
Vo = 12V
—
91
—
Vin=9V, Io = 0.5 A,
Vo = 5.0V
—
89
—
%
Vin=9V, Io = 0.5 A,
Vo = 3.3V
—
84
—
Vin=9V, Io =0.5A,
Vo = 1.5V
—
72
—
Switching Frequency
ƒo
Over Vin and Io ranges,
Vo = 12V
600
750
900
Vo = 3.3V/5V
400
500
600
kHz
Vo = 1.5V
350
450
550
Shutdown Current
Isc
Vin = 15V
—
100
—
µA
Quiescent Current
Inl
Io = 0A, Vin =10V
—
10
—
mA
Absolute Maximum
Ta
Over Vin range
-40
—
+85 (4)
°C
Operating Temperature Range
Thermal Resistance
θ
ja
Free Air Convection (40-60LFM)
—
30
—
°C/W
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3, 1 msec,
—
500
—
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
20-2000 Hz,Soldered in a PC board
—
10
—
G’s
Weight
—
—
—
6.5
—
grams
Notes:
(1) The PT6300 Series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
(2) The ISR will operate to no load with reduced specifications.
(3) Input voltage cannot exceed 30V when the inhibit function is used.
(4) See Thermal Derating charts.
(5) Consult the related application note for guidance on adjusting the output voltage.


Similar Part No. - PT6302H

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6302 PTC-PT6302 Datasheet
230Kb / 4P
VFD Driver/Controller IC with Character RAM
PT6302 PTC-PT6302 Datasheet
1Mb / 27P
VFD Driver/Controller IC with Character RAM
PT6302-003-H PTC-PT6302-003-H Datasheet
230Kb / 4P
VFD Driver/Controller IC with Character RAM
PT6302-007-H PTC-PT6302-007-H Datasheet
230Kb / 4P
VFD Driver/Controller IC with Character RAM
PT6302-R-001 PTC-PT6302-R-001 Datasheet
230Kb / 4P
VFD Driver/Controller IC with Character RAM
More results

Similar Description - PT6302H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78ST300 TI-78ST300 Datasheet
190Kb / 3P
3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
PT6100 TI-PT6100 Datasheet
275Kb / 5P
1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6314 TI-PT6314 Datasheet
166Kb / 6P
3 Amp Adjustable Positive Step-down Integrated Switching Regulators
PT6313 TI-PT6313 Datasheet
373Kb / 2P
2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6210 TI-PT6210 Datasheet
178Kb / 5P
2 Amp Adjustable Positive Step-down Integrated Switching Regulator
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST305 TI1-78ST305 Datasheet
207Kb / 3P
3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6312B TI1-PT6312B Datasheet
386Kb / 3P
2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
1 Amp Adjustable Positive Step-down Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com