Electronic Components Datasheet Search
  English  ▼

X  

PT6507 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6507
Description  8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6507 Datasheet(HTML) 4 Page - Texas Instruments

  PT6507 Datasheet HTML 1Page - Texas Instruments PT6507 Datasheet HTML 2Page - Texas Instruments PT6507 Datasheet HTML 3Page - Texas Instruments PT6507 Datasheet HTML 4Page - Texas Instruments PT6507 Datasheet HTML 5Page - Texas Instruments PT6507 Datasheet HTML 6Page - Texas Instruments PT6507 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
THERMAL DERATING CURVES
Air Flow (LFM)
60
200
300
PT6503 (See Note 1)
No Heat Tab
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in different air flow rates as indicated on each graph, with or without the heat tab, soldered in a printed circuit board. (See Thermal Application Notes.)
For assistance or to order, call (800) 531-5782
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Heat Tab
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
PT6500
THERMAL
DA T A
5
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
0
1
2
3
4
5
6
7
8
4.5
5
5.5
6
Vin-(Volts)
50˚C
60˚C
70˚C
85˚C
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
85˚C
70˚C
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
70˚C
85˚C
0
1
2
3
4
5
6
7
1
3
5
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
85˚C
70˚C
60˚C
50˚C
0
2
4
6
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
85˚C
70˚C
0
2
4
6
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
85˚C
70˚C
1
3
5
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com