Electronic Components Datasheet Search
  English  ▼

X  

PT6702 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6702
Description  13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6702 Datasheet(HTML) 2 Page - Texas Instruments

  PT6702 Datasheet HTML 1Page - Texas Instruments PT6702 Datasheet HTML 2Page - Texas Instruments PT6702 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Programming Information
VID4=1 VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1
1
1
1
2.0V
1.30V
1
1
1
0
2.1V
1.35V
1
1
0
1
2.2V
1.40V
1
1
0
0
2.3V
1.45V
1
0
1
1
2.4V
1.50V
1
0
1
0
2.5V
1.55V
1
0
0
1
2.6V
1.60V
1
0
0
0
2.7V
1.65V
0
1
1
1
2.8V
1.70V
0
1
1
0
2.9V
1.75V
0
1
0
1
3.0V
1.80V
0
1
0
0
3.1V
1.85V
0
0
1
1
3.2V
1.90V
0
0
1
0
3.3V
1.95V
0
0
0
1
3.4V
2.00V
0
0
0
0
3.5V
2.05V
• Space Saving SIP Package
• +5V input
• 5-bit Programmable:
1.3V to 3.5V@13A
• High Efficiency
• Input Voltage Range:
4.5V to 5.5V
• Differential Remote Sense
• Short Circuit Protection
• Over-Voltage Drive
• Power Good Signal
Features
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http:/www.powertrends.com
PT6701, Vin = 5.0V (Typical performance at Ta = 25°C)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Iout (A)
Iout (A)
Iout (A)
Series
Ordering Information
PT6701
❏
❏
❏
❏
❏ = 1.3 to 3.5 Volts
(For dimensions and PC board layout,
see Package Styles 1300 and 1310.)
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
Logic 0 = Pin 13 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 and VID4 may not be changed while the unit is operating.
PT6700
CHARACTERISTIC
DA T A
40
50
60
70
80
90
100
024
68
10
12
3.3V
2.5V
1.8V
0
5
10
15
20
25
30
02
46
8
10
12
3.3V
2.5V
1.8V
0
1
2
3
4
5
6
024
68
10
12
3.3V
2.5V
1.8V
Vout
Vout
Vout
20
30
40
50
60
70
80
90
02
4
6
8
10
12
200LFM
120LFM
60LFM
Nat conv
Safe Operating Area, Vout = 3.3V
Iout-(A)
PT6701, Vin = 5.0V
Airflow
PT6700 Product Family
Input
Vout
OVP/
Requires
Voltage
Adjust
Pwr Good
+12V Bias
PT6701
5V
VID





PT6702
3.3V
VID





PT6705
5V
Resistor





PT6715
5V
Resistor
PT6721
12V
VID





PT6725
12V
Resistor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com