Electronic Components Datasheet Search
  English  ▼

X  

PT6921 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6921
Description  5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6921 Datasheet(HTML) 4 Page - Texas Instruments

  PT6921 Datasheet HTML 1Page - Texas Instruments PT6921 Datasheet HTML 2Page - Texas Instruments PT6921 Datasheet HTML 3Page - Texas Instruments PT6921 Datasheet HTML 4Page - Texas Instruments PT6921 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For assistance or to order, call (800) 531-5782
4
Applicatio n
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Note s
PT6920 Series
Table 2
PT6920 ADJUSTMENT RESISTOR VALUES
Output Bus
V1 out
V2 out
Series Pt #
PT6921/22
PT6921
PT6922
Adj Resistor
(R3)/R4
(R1)/R2
(R1)/R2
Vo(nom)
3.3Vdc
2.5Vdc
1.5Vdc
Va(req’d)
1.2
(0.0)k
Ω
1.25
(3.3)k
Ω
1.3
(8.2)k
Ω
1.35
(16.3)k
Ω
1.4
(32.6)k
Ω
1.45
(81.4)k
Ω
1.5
1.55
189.0k
Ω
1.6
91.1k
Ω
1.65
58.6k
Ω
1.7
42.3k
Ω
1.75
32.6k
Ω
1.8
(0.0)k
Ω
26.0k
Ω
1.85
(1.6)k
Ω
21.4k
Ω
1.9
(3.5)k
Ω
17.9k
Ω
1.95
(5.8)k
Ω
15.2k
Ω
2.0
(8.5)k
Ω
13.0k
Ω
2.05
(11.8)k
Ω
11.3k
Ω
2.1
(16.0)k
Ω
9.8k
Ω
2.15
(21.4)k
Ω
8.5k
Ω
2.2
(28.5)k
Ω
7.5k
Ω
2.25
(38.5)k
Ω
6.5k
Ω
2.3
(3.6)k
Ω
(53.5)k
Ω
5.7k
Ω
2.35
(5.1)k
Ω
(78.5)k
Ω
5.0k
Ω
2.4
(6.7)k
Ω
(129.0)k
Ω
4.4k
Ω
2.45
(8.5)k
Ω
(279.0)k
Ω
3.8k
Ω
2.5
(10.6)k
Ω
3.3k
Ω
2.55
(12.9)k
Ω
189.0k
Ω
2.8k
Ω
2.6
(15.6)k
Ω
88.5k
Ω
2.4k
Ω
2.65
(18.6)k
Ω
55.2k
Ω
2.0k
Ω
2.7
(22.2)k
Ω
38.5k
Ω
1.6k
Ω
2.75
(26.4)k
Ω
28.5k
Ω
1.3k
Ω
2.8
(31.5)k
Ω
21.8k
Ω
1.0k
Ω
2.85
(37.6)k
Ω
17.1k
Ω
0.7k
Ω
2.9
(45.4)k
Ω
13.5k
Ω
0.5k
Ω
2.95
(55.3)k
Ω
10.7k
Ω
0.2k
Ω
3.0
(68.6)k
Ω
8.5k
Ω
0.0k
Ω
3.05
(87.1)k
Ω
3.1
(115.0)k
Ω
3.15
(161.0)k
Ω
3.2
(254.0)k
Ω
3.25
(532.0)k
Ω
3.3
3.4
109.0k
Ω
3.5
48.4k
Ω
3.6
28.2k
Ω
3.7
18.2k
Ω
3.8
12.1k
Ω
3.9
8.1k
Ω
4.0
5.2k
Ω
4.1
3.0k
Ω
4.2
1.3k
Ω
R1/R3 = (Red)
R2/R4 = Black



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com