Electronic Components Datasheet Search
  English  ▼

X  

PT6932 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6932
Description  5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6932 Datasheet(HTML) 4 Page - Texas Instruments

  PT6932 Datasheet HTML 1Page - Texas Instruments PT6932 Datasheet HTML 2Page - Texas Instruments PT6932 Datasheet HTML 3Page - Texas Instruments PT6932 Datasheet HTML 4Page - Texas Instruments PT6932 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
1.2
(0.0)k
Ω
(0.0)k
Ω
1.25
(3.3)k
Ω
(1.2)k
Ω
1.3
(8.2)k
Ω
(2.7)k
Ω
1.35
(16.3)k
Ω
(4.5)k
Ω
1.4
(32.6)k
Ω
(6.7)k
Ω
1.45
(81.4)k
Ω
(9.5)k
Ω
1.5
(13.3)k
Ω
1.55
189.0k
Ω
(18.7)k
Ω
1.6
91.1k
Ω
(26.7)k
Ω
1.65
58.6k
Ω
(40.0)k
Ω
1.7
42.3k
Ω
(66.7)k
Ω
1.75
32.6k
Ω
(147.0)k
Ω
1.8
(0.0)k
Ω
26.0k
Ω
1.85
(1.6)k
Ω
21.4k
Ω
197.0k
Ω
1.9
(3.5)k
Ω
17.9k
Ω
96.7k
Ω
1.95
(5.8)k
Ω
15.2k
Ω
63.3k
Ω
2.0
(8.5)k
Ω
13.0k
Ω
46.7k
Ω
2.05
(11.8)k
Ω
11.3k
Ω
36.7k
Ω
2.1
(16.0)k
Ω
9.8k
Ω
30.0k
Ω
2.15
(21.4)k
Ω
8.5k
Ω
25.3k
Ω
2.2
(28.5)k
Ω
7.5k
Ω
21.7k
Ω
2.25
(38.5)k
Ω
6.5k
Ω
18.9k
Ω
2.3
(3.4)k
Ω
(53.5)k
Ω
5.7k
Ω
16.7k
Ω
2.35
(4.8)k
Ω
(78.5)k
Ω
5.0k
Ω
14.9k
Ω
2.4
(6.5)k
Ω
(129.0)k
Ω
4.4k
Ω
13.3k
Ω
2.45
(8.3)k
Ω
(279.0)k
Ω
3.8k
Ω
12.1k
Ω
2.5
(10.3)k
Ω
3.3k
Ω
11.0k
Ω
2.55
(12.6)k
Ω
189.0k
Ω
2.8k
Ω
10.0k
Ω
2.6
(15.2)k
Ω
88.5k
Ω
2.4k
Ω
9.2k
Ω
2.65
(18.2)k
Ω
55.2k
Ω
2.0k
Ω
8.4k
Ω
2.7
(21.8)k
Ω See Note 3
38.5k
Ω
1.6k
Ω
7.8k
Ω
2.75
(26.0)k
Ω
28.5k
Ω
1.3k
Ω
7.2k
Ω
2.8
(31.0)k
Ω
21.8k
Ω
1.0k
Ω
6.7k
Ω
2.85
(37.1)k
Ω
17.1k
Ω
0.7k
Ω
6.2k
Ω
2.9
(44.8)k
Ω
13.5k
Ω
0.5k
Ω
5.8k
Ω
2.95
(54.6)k
Ω
10.7k
Ω
0.2k
Ω
5.4k
Ω
3.0
(67.8)k
Ω
8.5k
Ω
0.0k
Ω
5.0k
Ω
3.05
(86.2)k
Ω
3.1
(114.0)k
Ω
3.15
(160.0)k
Ω
3.2
(252.0)k
Ω
3.25
(528.0)k
Ω
3.3
3.4
111.0k
Ω See Note 5
3.5
49.6k
Ω
3.6
29.0k
Ω
R1/R3 = (Blue)
R2/R4 = Black
Table 2
PT6920/PT6930 ADJUSTMENT RESISTOR VALUES
Output Bus
Vo1
Vo2
Series Pt#
Standard Case
PT6921/6922
PT6921
PT6922
Excalibur Case
PT6931/6932
PT6931
PT6932
PT6933
Adj Resistor
(R3)/R4
(R1)/R2
(R1)/R2
(R1)/R2
Vo(nom)
3.3Vdc
2.5Vdc
1.5Vdc
1.8Vdc
Va(req’d)
PT6920/PT6930 Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com