Electronic Components Datasheet Search
  English  ▼

X  

PT7707 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT7707
Description  18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7707 Datasheet(HTML) 2 Page - Texas Instruments

  PT7707 Datasheet HTML 1Page - Texas Instruments PT7707 Datasheet HTML 2Page - Texas Instruments PT7707 Datasheet HTML 3Page - Texas Instruments PT7707 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Programming Information
VID4=1 VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1
1
1
1
2.0V
1.30V
1
1
1
0
2.1V
1.35V
1
1
0
1
2.2V
1.40V
1
1
0
0
2.3V
1.45V
1
0
1
1
2.4V
1.50V
1
0
1
0
2.5V
1.55V
1
0
0
1
2.6V
1.60V
1
0
0
0
2.7V
1.65V
0
1
1
1
2.8V
1.70V
0
1
1
0
2.9V
1.75V
0
1
0
1
3.0V
1.80V
0
1
0
0
3.1V
1.85V
0
0
1
1
3.2V
1.90V
0
0
1
0
3.3V
1.95V
0
0
0
1
3.4V
2.00V
0
0
0
0
3.5V
2.05V
• Single-Device: +5V input
• 5-bit Programmable:
1.3V to 3.5V@18A
• High Efficiency
• Input Voltage Range:
4.5V to 5.5V
• Differential Remote Sense
• 27-pin SIP Package
• Parallelable with PT7749
18A “Current Boosters”
Features
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http:/www.powertrends.com
PT7707, Vo = 3.3 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Note 1:
Note 1:
Note 1:
Note 1:
Note 1:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Safe Operating Area Curves (@Vin=+5V)
Output Current (Amps)
Airflow
Airflow
Output Current (Amps)
PKG SUFFIX N
Note 2:
Note 2:
Note 2:
Note 2:
Note 2:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Recommended Maximum
Operating Temperature
0
10
20
30
40
50
60
0
3
6
9
121518
5.5V
5.0V
4.5V
Vin
40
50
60
70
80
90
100
0
3
6
9
12
15
18
4.5V
5.0V
5.5V
Vin
0
2
4
6
8
10
12
14
0
3
6
9
12
15
18
5.5V
5.0V
4.5V
Vin
Series
Ordering Information
PT7707t
t
t
t
t = 1.3 to 3.5 Volts
(For dimensions and PC board layout,
see Package Styles 800 and 810.)
Recommended Maximum
Operating Temperature
PT7707, Vo = 3.3 VDC
(See Note 1)
PKG SUFFIX A, C
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
20
30
40
50
60
70
80
90
0
2468
10
12
14
16
18
Nat Conv
60LFM
100LFM
200LFM
20
30
40
50
60
70
80
90
02468
10
12
14
16
18
Nat Conv
60LFM
100LFM
200LFM
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 and VID4 may not be changed while the unit is operating.
CHARACTERISTIC
DA T A
PT7707



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com