Electronic Components Datasheet Search
  English  ▼

X  

PT7721 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7721
Description  17 AMP 12V INPUT ?쏝IG-HAMMER II??PROGRAMMABLE ISR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7721 Datasheet(HTML) 1 Page - Texas Instruments

  PT7721 Datasheet HTML 1Page - Texas Instruments PT7721 Datasheet HTML 2Page - Texas Instruments PT7721 Datasheet HTML 3Page - Texas Instruments PT7721 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT7720
7 - 11
13 - 19
20 - 25
27
V
IN
GND
1µH
GND
V
OUT
C
OUT
+
C
IN
+
12
26
1
L1
SYNC OUT
LOAD
REMOTE SENSE (+)
REMOTE SENSE (-)
VID1
VID2
VID3
VID4
PROGRAMMING PINS
2
3
4
STBY*
5
6
VID0
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
50
Pin-Out Information
Pin Function
1
VID0
2
VID1
3
VID2
4
VID3
5
STBY* - Stand-by
6
VID4
7Vin
8Vin
9Vin
10
Vin
11
Vin
12
Remote Sense Gnd
13
GND
14
GND
Pin Function
15
GND
16
GND
17
GND
18
GND
19
GND
20
Vout
21
Vout
22
Vout
23
Vout
24
Vout
25
Vout
26
Remote Sense
Vout
27
Sync Out
Standard Application
Cin = Required 560µF electrolytic
(See input filter note)
Cout = Required 1200µF electrolytic
L1
= Optional 1µH input choke
For STBY* pin:
open = output enabled
ground = output disabled.
• +12V bus input
• 5-bit Programmable:
1.3V to 3.5V or
4.5V to 7.6V
• High Efficiency
• Differential Remote Sense
• 27-pin SIP Package
• Parallelable with PT7748
17A current boosters
Features
Series
17 AMP 12V INPUT “BIG-HAMMER II” PRO-
GRAMMABLE ISR
PT7720
The PT7720 series is a new +12V input,
17A output, high-performance Integrated
Switching Regulator (ISR) housed in a 27-
pin SIP package. The 17A capability allows
easy integration of the latest high-speed,
low-voltage µPs and bus drivers into +12V
distributed power systems.
The PT7720 series has been designed
to work in parallel with one or more of the
PT7748 current boosters for increased Iout
in increments of 17A.
The output voltage of the PT7721 can
be easily programmed from 1.3V to 3.5V
with a 5 bit input compatible with Intel’s
Pentium®IIProcessor. A differential re-
mote sense is also provided which
automatically compensates for any voltage
drop from the ISR to the load.
1200µF of output capacitance is re-
quired for proper operation.
Output Capacitors:
The PT7720 series requires a minimum output capacitance of 1200µF for proper operation. Do not use Oscon type capacitors. The maximum allowable output capacitance
Is (57,000 ÷ Vout)µF, or 15,000µF, whichever is less.
Input Filter:
An input inductor is optional for most applications. The input inductor must be sized to handle 7ADC with a typical value of 1µH. The input capacitance must be rated for a
minimum of 4.0 Arms of ripple current when operated at maximum output current and maximum output voltage. Contact an applications engineer for input capacitor selection for applications
at other output voltages and output currents.
Specifications
Characteristics
PT7720 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +60°C, 200 LFM, pkg N, Vo ≤ 5V
0.1*
—17**
A
Ta = +25°C, natural convection, Vo ≤ 5V
0.1*
—17**
A
Output Power
Po
Ta = +60°C, 200 LFM, pkg N, Vo ≥ 5V
—
—
85
Watts
Ta = +25°C, natural convection, Vo ≥ 5V
—
—
85
Watts
Input Voltage Range
Vin
0.1A
≤ Io ≤ 17A
11.0
—
14.0
V
Output Voltage Tolerance
∆Vo
Vin = +12V, Io = 17A
(PT7721)
Vo-0.03
—
Vo+0.03
V
0°C
≤ Ta ≤ +60°C
(PT7722)
—
±1.0%
±2.0%
% Vo
Line Regulation
Regline
11V
≤ Vin ≤ 14V, Io = 17A (Using remote sense)
—
±5
±10
mV
Load Regulation
Regload
Vin = +12V, 0.1 ≤ Io ≤ 17A (Using remote sense)
—
±5
±10
mV
Vo Ripple/Noise
Vn
Vin = +12V, Io = 17A
(PT7721)
—
50
—
mVpp
(PT7722)
—
100
—
mVpp
Transient Response
ttr
Io step between 7.5A and 15A
—
100
—
µSec
with Cout = 1200µF
Vos
Vo over/undershoot
—
200
—
mV
Efficiency
η
Vin = +12V, Io = 10A
Vo = 5.0V
—
90
—
%
Vo = 3.3V
—
88
—
%
Vo = 2.5V
—
85
—
%
Vo = 1.5V
—
78
—
%
Switching Frequency
ƒo
11V
≤ Vin ≤ 14V
300
350
400
kHz
0.1A
≤ Io ≤ 17A
Absolute Maximum
Ta
—0
—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Forced Air Flow = 200 LFM
0—
+65***
°C
Temperature Range
At Vin = 12V, Io = 12A
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3 , 1 msec,
—
TBD
—
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
20-2000 Hz, Soldered in a PC board
—
TBD
—
G’s
Weight
—
Vertical/Horizontal
—
51/64
—
grams
*
ISR-will operate down to no load with reduced specifications. Please note that this product is not short-circuit protected.
** The PT7720 series can be easily paralleled with one or more of the PT7748 Current Boosters to provide increased output current in increments of 17A.
*** See Safe Operating Area chart.
Revised 1/13/99
Application Notes
Mechanical Outline
Product Selector Guide


Similar Part No. - PT7721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7721 TI1-PT7721 Datasheet
161Kb / 8P
High Efficiency
More results

Similar Description - PT7721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7705 TI-PT7705 Datasheet
200Kb / 4P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7750 TI-PT7750 Datasheet
196Kb / 3P
15 AMP 24V INPUT ?쏝IG-HAMMER III??PROGRAMMABLE ISR
PT7770 TI-PT7770 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7772 TI-PT7772 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7777 TI-PT7777 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT7701 TI-PT7701 Datasheet
131Kb / 2P
15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT8000 TI-PT8000 Datasheet
422Kb / 8P
60 Amp High-Performance Programmable ISR
PT7773 TI1-PT7773 Datasheet
452Kb / 3P
32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com