Electronic Components Datasheet Search
  English  ▼

X  

55085 Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 55085
Description  Mini Vane Hall Effect Sensor Features and Benefits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

55085 Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  55085 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hall Type
Digital Switch
3 Wire (Voltage Output)
Supply Voltage
Absolute Ratings
Vdc
-15 to +28
(Note 1)
Recommended
Vdc
+3.8 to +24
Overvoltage Protection
Vdc-max
32
Output High Voltage
Vdc
sinking output
Output Low Voltage
Vdc-max
0.4 @ 20mA
Output Current (continuously on)
mA-max
20
Switching Speed
kHz-max
10
Temperature
Operating
O
C
-40 to +100
Storage
O
C
-65 to +105
Note 1 - As long as Tj (Junction Temperature) max. is not exceeded
Hamlin USA
Tel: +1 920 648 3000 • Fax: +1 920 648 3001 • Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 • Fax: +44 (0)1379 649702 • Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 • Fax: +49 (0) 6181 9536666 • Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 • Fax: +33 (0) 1 4686 6786 • Email: sales.fr@hamlin.com
Issue No: 3 Date: 24/03/03
DCR: B0063
55085 Mini Vane Hall Effect Sensor Features and Benefits
Features
• Sensor and magnet contained in a single
housing
• Sensor operates when ferrous vane
passes through slot
• 3 pin leadout integral to sensor
• Vibration 50g max. @ 50-2,000Hz
• Shock 150g max. @ 11ms 1/2 Sine
• EMC to DIN 40839 (Consult Hamlin)
• Reverse/Over Voltage Protection
• Built in temperature compensation
Benefits
• High switching speed up to 10kHz
• Long life; up to 20 billion operations
• Unaffected by harsh environments
• Operates in static or dynamic magnetic
field
• Small package size
• Simple installation and adjustment
Applications
• Position and limit sensing
• Shaft rotation sensing
• Security systems
• Linear actuators
• Angle sensing
• Magnetic encoders
DIMENSIONS (in) mm
BLOCK DIAGRAM
CUSTOMER OPTIONS - SPECIFICATION
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
www.hamlin.com
Series 55085
55085
3M
OO
O
CUSTOMER OPTIONS - ACTIVATION (in) mm
Activate Distance is approximate using a (.100)
2.54 thick ferrous vane as illustrated
(2.76) 7.00
Notes
1) Add capacitor Cn as
shown, close to the
sensor, for transient
suppression if required
2) Add resistor Rpu as
shown for sinking output


Similar Part No. - 55085

ManufacturerPart #DatasheetDescription
logo
Littelfuse
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
Hall Effect Sensors
logo
Cornell Dubilier Electr...
550851T300AF2B CDE-550851T300AF2B Datasheet
454Kb / 8P
High Ripple, Long Life, Computer Grade
550852U100BB2B CDE-550852U100BB2B Datasheet
454Kb / 8P
High Ripple, Long Life, Computer Grade
550853U6R3AB2B CDE-550853U6R3AB2B Datasheet
399Kb / 8P
High Ripple, Long Life, Computer Grade
550853U6R3AB2B CDE-550853U6R3AB2B Datasheet
454Kb / 8P
High Ripple, Long Life, Computer Grade
More results

Similar Description - 55085

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
55075-00-01-A HAMLIN-55075-00-01-A Datasheet
79Kb / 1P
Geartooth Hall Effect Sensor Features and Benefits
55100-2M-01-A HAMLIN-55100-2M-01-A Datasheet
160Kb / 1P
Mini Flange Mount Hall Effect Sensor Features and Benefits
55110-3M-01-A HAMLIN-55110-3M-01-A Datasheet
144Kb / 1P
L.E.D. Flange Mount Hall Effect Sensor Features and Benefits
55140-2M-01-A HAMLIN-55140-2M-01-A Datasheet
158Kb / 1P
Flange Mount Hall Effect Sensor Features and Benefits
59020-I-S-01-A HAMLIN-59020-I-S-01-A Datasheet
67Kb / 1P
Mini Firecracker Features and Benefits
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
Clamp Sensor Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
Vane Sensor Features and Benefits
59090-4-T-01-A HAMLIN-59090-4-T-01-A Datasheet
90Kb / 1P
Heavy Duty Vane Sensor Features and Benefits
59630-1-T-01-A HAMLIN-59630-1-T-01-A Datasheet
102Kb / 1P
Float Sensor Features and Benefits
HSS-2G0-10W-L HAMLIN-HSS-2G0-10W-L Datasheet
47Kb / 1P
Shock Sensor Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com