Electronic Components Datasheet Search
  English  ▼

X  

PT7771 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT7771
Description  32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7771 Datasheet(HTML) 2 Page - Texas Instruments

  PT7771 Datasheet HTML 1Page - Texas Instruments PT7771 Datasheet HTML 2Page - Texas Instruments PT7771 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
PT7771t
t
t
t
t = 1.3 to 3.5 Volts
Programming Information
VID4=1 VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1
1
1
1
2.0V
1.30V
1
1
1
0
2.1V
1.35V
1
1
0
1
2.2V
1.40V
1
1
0
0
2.3V
1.45V
1
0
1
1
2.4V
1.50V
1
0
1
0
2.5V
1.55V
1
0
0
1
2.6V
1.60V
1
0
0
0
2.7V
1.65V
0
1
1
1
2.8V
1.70V
0
1
1
0
2.9V
1.75V
0
1
0
1
3.0V
1.80V
0
1
0
0
3.1V
1.85V
0
0
1
1
3.2V
1.90V
0
0
1
0
3.3V
1.95V
0
0
0
1
3.4V
2.00V
0
0
0
0
3.5V
2.05V
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 and VID4 may not be changed while the unit
is operating.
For dimensions and PC board layout,
see Package Style 1020 and 1030
• +5V input
• 5-bit Programmable:
1.3V to 3.5V@32A
• High Efficiency
• Input Voltage Range:
4.5V to 5.5V
• Differential Remote
Sense
• 27-pin SIP Package
Features
Efficiency vs Output Current (@Vout=+3.3V)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Safe Operating Area (@Vin=+5V, Vout=+3.3V, Pkg N)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Airflow
Recommended Maximum
Operating Temperature
Note: SOA curves represent operating conditions at
which internal components are at or below manufacturer’s
maximum rated operating temperatures.
Power Dissipation vs Output Current (@Vout=+3.3V)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Output Ripple vs Output Current (@Vout=+3.3V)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Vin
Vin
Vin
For assistance or to order, call (800) 531-5782
3
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
CHARACTERISTIC DA T A
Series
PT7770
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
60
70
80
90
100
0
4
8
12
16
20
24
28
32
4.5V
5.0V
5.5V
0
2
4
6
8
10
12
14
16
18
20
0
4
8
1216
2024
2832
4.5V
5.0V
5.5V
0
5
10
15
20
25
30
35
40
0
4
8
12
16
20
24
28
32
4.5V
5.0V
5.5V
20
30
40
50
60
70
80
90
0
4
8
12
16
20
24
28
32
Nat. Conv
60 LFM
120 LFM
200 LFM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com