Electronic Components Datasheet Search
  English  ▼

X  

PT78HT205V Datasheet(PDF) 2 Page - Texas Instruments

Part # PT78HT205V
Description  2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT78HT205V Datasheet(HTML) 2 Page - Texas Instruments

  PT78HT205V Datasheet HTML 1Page - Texas Instruments PT78HT205V Datasheet HTML 2Page - Texas Instruments PT78HT205V Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
17
CHARACTERISTIC
DA T A
40
50
60
70
80
90
100
0
0.5
1
1.5
2
9.0V
10.0V
15.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
9
121518
21242730
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
9
1215
182124
2730
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
PT78HT205 5.0 VDC (See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
28.0V
24.0V
18.0V
15.0V
12.0V
9.0V
Vin
40
50
60
70
80
90
100
00.5
11.5
2
9.0V
12.0V
15.0V
18.0V
24.0V
28.0V
Vin
0
20
40
60
80
100
120
00.5
11.5
2
28.0V
24.0V
18.0V
15.0V
12.0V
9.0V
Vin
PT78HT200 Series
PT78HT233 3.3 VDC (See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
50°C
60°C
70°C
85°C
0
20
40
60
80
100
120
00.5
11.5
2
26.0V
20.0V
15.0V
10.0V
9.0V
Vin
50°C
60°C
70°C
85°C
0
0.5
1
1.5
2
2.5
00.5
11.5
2
26.0V
20.0V
15.0V
10.0V
9.0V
Vi n



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com