Electronic Components Datasheet Search
  English  ▼

X  

RC4136 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # RC4136
Description  QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4136 Datasheet(HTML) 4 Page - Texas Instruments

  RC4136 Datasheet HTML 1Page - Texas Instruments RC4136 Datasheet HTML 2Page - Texas Instruments RC4136 Datasheet HTML 3Page - Texas Instruments RC4136 Datasheet HTML 4Page - Texas Instruments RC4136 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RC4136, RM4136, RV4136
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS072 – MARCH 1978 – REVISED SEPTEMBER 1990
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC+ = 15 V, VCC– = –15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
RC4136, RV4136
RM4136
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
0.13
0.13
µs
Overshoot factor
I
,
CL = 100 pF
L
,
5%
5%
µs
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
17
17
V/
µs
SR
Slew rate at unity gain
I
CL = 100 pF
L
1.7
1.7
V/
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com