Electronic Components Datasheet Search
  English  ▼

X  

NT74869 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # NT74869
Description  10 Base-T LAN Filter with CMC & pre-distortion resistors PCMCIA application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

NT74869 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  NT74869 Datasheet HTML 1Page - Datatronic Distribution, Inc. NT74869 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
March 22, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
NT74869
(DATE CODE)
Rx(Receive Channel)
Tx(Transmit Channel)
49.9 ohm
49.9 ohm
287 ohm
68.1 ohm
1
2
3
4
6
5
7
14
13
9
8
12
10
287 ohm
68.1 ohm
0.018 (4.6)
TYP
0.094
(2.39)
0.800 (20.32)
MAX
0.600
(15.24)
0.665
(16.89)
0.525
(13.34)
Coplanarity : 0.004 (0.1)
0.100
(2.54)
0.010
(0.254)
0.025
(0.635)
TYP
TYP
MAX
All dimensions are specified in inches (mm)
Unless otherwise specified, tolerances are +/- 0.010 (0.25)
Dimensions are exclusive of solder



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com