Electronic Components Datasheet Search
  English  ▼

X  

PT108-2 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # PT108-2
Description  WIDEBAND RF TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT108-2 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  PT108-2 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT108-2 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
January 30, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700, Toll Free Tel: 888-889-5391, Fax: 951-928-7701
E-Mail: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 84 77 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
TYPICAL FREQUENCY RESPONSE
PT108-0 – Typical Insertion Loss @ 25
°C
PT108-2 – Typical Insertion Loss @ 25
°C
PT108-3 – Typical Insertion Loss @ 25
°C
Notes
:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance: ±0.010 / 0,25
2.
Bandwidth specifications are typical in a 50Ω system
3.
Bandwidth is referenced to mid-band loss
4.
Impedance and turns ratio are specified primary : secondary
5.
Tape and reel quantity, 2600 pcs/reel
6.
For non-RoHS parts replace PT prefix with 42- (e.g. PT108-0 becomes 42-108-0)
7.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com