Electronic Components Datasheet Search
  English  ▼

X  

PT7751C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7751C
Description  15 AMP 24V INPUT ?쏝IG-HAMMER III??PROGRAMMABLE ISR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7751C Datasheet(HTML) 1 Page - Texas Instruments

  PT7751C Datasheet HTML 1Page - Texas Instruments PT7751C Datasheet HTML 2Page - Texas Instruments PT7751C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Application
Cin = Required 560µF electrolytic
(See input filter note)
Cout = Required 2000µF electrolytic
L1
= Optional 1µH input choke
Series
15 AMP 24V INPUT “BIG-HAMMER III”
PROGRAMMABLE ISR
PT7750
The PT7750 series is a new +24V
input, 15 Amp output, high-perfor-
mance Integrated Switching Regulator
(ISR) housed in a 27-pin SIP package.
The 15A capability allows easy integra-
tion of the latest high-speed,
low-voltage µPs and bus drivers into
+24V distributed power systems.
The PT7750 series has been de-
signed to work in parallel with one or
For STBY* pin:
open = output enabled
ground = output disabled.
Pin-Out Information
Pin Function
1
VID0
2
VID1
3
VID2
4
VID3
5
STBY* - Stand-by
6
VID4
7Vin
8Vin
9Vin
10
Vin
11
Vin
12
Remote Sense Gnd
13
GND
Pin Function
14
GND
15
GND
16
GND
17
GND
18
GND
19
GND
20
Vout
21
Vout
22
Vout
23
Vout
24
Vout
25
Vout
26
Remote Sense Vout
27
Sync Out
more of the PT7747 current boosters for
increased Iout in increments of 15A.
The output voltage of the PT7750
series can be easily programmed over a
wide range with a 5-bit input. A differ-
ential remote sense is provided which
automatically compensates for any
voltage drop from the ISR to the load.
2000µF of output capacitance is
required for proper operation.
• +24V bus input
• High Efficiency
• Differential Remote
Sense
• 27-pin SIP Package
• Parallelable with
PT7747 15A current boosters
Features
For assistance or to order, call (800) 531-5782
56
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
PT7750
7 - 11
13 - 19
20 - 25
27
V
IN
GND
1µH
GND
V
OUT
C
OUT
+
C
IN
+
12
26
1
L1
SYNC OUT
LOAD
REMOTE SENSE (+)
REMOTE SENSE (-)
VID1
VID2
VID3
VID4
PROGRAMMING PINS
2
3
4
STBY*
5
6
VID0
Specifications
Characteristics
PT7750 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +60°C, 200 LFM
0.1*
—15**
A
Ta = +25°C, natural convection
0.1*
—15**
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ Io max
20.0
—
28.0
V
Undervoltage Lockout Threshold
Vuvl
0.1A
≤ Io ≤ Io max
—
18.7
—
V
Output Voltage Tolerance
∆Vo
Vin = +24V, Io = 15A PT7751
—
—
±80
mV
0°C
≤ Ta ≤ +55°C
PT7756
—
—
±160
mV
Line Regulation
Regline
20V
≤ Vin ≤ 28V, Io = Io max (w/remote sense)
—
±15
—
mV
Load Regulation
Regload
Vin = +24V, 0.1 ≤ Io ≤ Io max (w/remote sense)
—
±10
—
mV
Vo Ripple/Noise
Vn
Vin = +24V, Io = Io max
—75
—
mV
Transient Response
ttr
Io step between 7.5A and 15A
—
100
—
µSec
with Cout = 2000µF
Vos
Vo over/undershoot
—
200
—
mV
Efficiency
η
Vin = +24V, Io = 10A
Vo = 5.0V
—
88
—
%
Vo = 3.3V
—
84
—
%
Vo = 2.5V
—
80
—
%
Switching Frequency
ƒo
20V
≤ Vin ≤ 28V
300
350
400
kHz
0.1A
≤ Io ≤ 15A
Absolute Maximum
Ta
0
—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Forced Air Flow = 200 LFM
0
—
+65***
°C
Temperature Range
At Vin = +24V, Io = 12A
Storage Temperature
Ts
—
-40
—
+125
°C
Weight
—
Vertical/Horizontal
—
53/66
—
grams
* ISR-will operate down to no load with reduced specifications. Please note that this product is not short-circuit protected.
** The PT7750 series can be easily paralleled with one or more of the PT7747 Current Boosters to provide increased output current in increments of 15A.
*** See safe operating area chart.
Output Capacitors:
The PT7750 series requires a minimum output capacitance of 2000µF for proper operation. Do not use Oscon type capacitors. The maximum allowable
output capacitance is (42,000 ÷ Vout)µF for the PT7751, (96,000 ÷ Vout)µF for the PT7756, or 15,000µF, whichever is less.
Input Filter:
An input inductor is optional for most applications. The input inductor must be sized to handle 9ADC with a typical value of 1µH. The input capacitance
must be rated for a minimum of 8.0 Arms of ripple current when operated at maximum output current and maximum output voltage. Contact an applications engi-
neer for input capacitor selection for applications at other output voltages and output currents.
Revised 1/12/99
Application Notes
Mechanical Outline
Product Selector Guide


Similar Part No. - PT7751C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7700 TI-PT7700 Datasheet
131Kb / 2P
15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT7701 TI-PT7701 Datasheet
131Kb / 2P
15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT7701A TI-PT7701A Datasheet
131Kb / 2P
15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT7701C TI-PT7701C Datasheet
131Kb / 2P
15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT7701N TI-PT7701N Datasheet
131Kb / 2P
15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
More results

Similar Description - PT7751C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7705 TI-PT7705 Datasheet
200Kb / 4P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7720 TI-PT7720 Datasheet
200Kb / 4P
17 AMP 12V INPUT ?쏝IG-HAMMER II??PROGRAMMABLE ISR
PT7770 TI-PT7770 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7772 TI-PT7772 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7777 TI-PT7777 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT7701 TI-PT7701 Datasheet
131Kb / 2P
15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT8000 TI-PT8000 Datasheet
422Kb / 8P
60 Amp High-Performance Programmable ISR
PT7773 TI1-PT7773 Datasheet
452Kb / 3P
32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com