Electronic Components Datasheet Search
  English  ▼

X  

RC4559 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # RC4559
Description  DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4559 Datasheet(HTML) 2 Page - Texas Instruments

  RC4559 Datasheet HTML 1Page - Texas Instruments RC4559 Datasheet HTML 2Page - Texas Instruments RC4559 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VIO
Input offset voltage
VO = 0
VO = 0
VO = 0
mV
nA
nA
IIO
Input offset current
IIBI
nput bias current
VI
Input voltage range
V/mV
RC4559
DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
electrical characteristics at specified free-air temperature, VCC+ = 15 V, VCC– = –15 V
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
UNIT
25
°C
2
6
Full Range
7.5
25
°C
5
100
Full range
200
25
°C
40
250
Full range
500
VI
Input voltage range
25
°C
±12
±13
V
RL ≥ 3 kΩ
25
°C
±12
±13
VOM
Maximum peak output voltlage swing
RL = 600 Ω
25
°C
±9.5
±10
V
RL ≥ 2 kΩ
Full range
±10
VO = ± 10 V,
25
°C
20
300
RL = 2 kΩ
Full range
15
BOM
Maximum output-swing bandwidth
VOPP = 20 V,
RL = 2 kΩ
25
°C
24
32
kHz
B1
Unity-gain bandwidth
25
°C
3
4
MHz
ri
Input resistance
25
°C
0.3
1
M
Ω
CMRR
Common-mode rejection ratio
VO = 0
25
°C
80
100
dB
kSVS
Supply voltage sensitivity (
∆VIO/∆VCC)
VO = 0
25
°C
10
75
µV/V
Vn
Equivalent input noise voltage (closed loop)
AVD = 100,
RS = 1 kΩ,
f = 20 Hz to 20 kHz
25
°C
1.4
2
µV
In
Equivalent input noise current
f = 20 Hz to 20 kHz
25
°C
25
pA
25
°C
3.3
5.6
ICC
Supply current (both amplifiers)
No load,
No signal
0
°C
4
6.6
mA
70
°C
3
5
Vo1/Vo2
Crosstalk attentuation
AVD = 100,
RS = 1 kΩ,
f = 10 kHz
25
°C
90
dB
† All characteristics are specified under open-loop operation, unless otherwise noted.
‡ Full range operating free-air temperature range is 0
°C to 70°C.
matching characteristics at VCC+ = 15 V, VCC– = –15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0
±0.2
mV
IIO
Input offset current
VO = 0
±7.5
nA
IIB
Input bias current
VO = 0
±15
nA
AVD
Large-signal differential voltage amplification
VO = ± 10 V, RL = 2 kΩ
±1
dB
operating characteristics, VCC+ = 15 V, VCC– = –15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF
80
µs
Overshoot
18%
SR
Slew rate at unity gain
VI = 10 mV,
RL = 2 kΩ,
CL = 100 pF
1.5
2
V/
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com