Electronic Components Datasheet Search
  English  ▼

X  

PT75373 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT75373
Description  THT Current Sense Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT75373 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT75373 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
May 2, 2008
Datatronic: 28151 Highway 74, Romoland CA 92585, Tel 951-928-7700, Toll free Tel 888-889-5391, Fax 951-928-7701,
Email: ddisales@datatronics.com
499 King’s Rd., 15
th Floor, North Point, Hong Kong, Tel (852) 2564-8477, Fax 852-2565-7214,
All specifications are subject to change without notice.
3
7
4
8
10
1
SCHEMATIC
16.50 MAX
.650
.89
.035
5.08
.200
17.78
.700
3.30
.130
11.68
.460
20.45 MAX
.805
8.89
.350
13
4
7
8
10
BOTTOM VIEW
Notes:
1.) All dimensions are given in Millimeters/Inches
2.) Unless otherwise specified; Tolerance:
THT Current Sense Transformers
Features
•
VDE Approved, VDE Nr. 119374*
•
3000 Vrms Hipot
•
Operating Frequency: 50kHz – 500kHz
•
Rated Peak Current up to 36A
ELECTRICAL SPECIFICATION
PART NUMBER
Turns Ratio
Inductance (1-10)
DCR(1-10)
(
Ωmax)
DCR(3-7)
(m
Ωmax)
DCR(4-8)
(m
Ωmax)
Weight Grams
(Approx)
PT75373
50 : 1 : 1
5.0 mH min
0.70
3.25
3.25
5.4
PT75374
100 : 1 : 1
20.0 mH min
1.40
3.25
3.25
5.5
PT74805*
200 : 1 : 1
80.0 mH min
2.80
3.25
3.25
6.1
±0.38
±0.015
±0.38
±0.015
±0.25 / 0.015
3.) For non-RoHS parts replace PT prefix with 42- (e.g. PT75373 becomes 42-75373)


Similar Part No. - PT75373

ManufacturerPart #DatasheetDescription
logo
API Delevan
PT75-1260 API-PT75-1260 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT75-1260 API-PT75-1260 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
PT75-1260-VM API-PT75-1260-VM Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT75-1550 API-PT75-1550 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT75-1550 API-PT75-1550 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
More results

Similar Description - PT75373

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P0581 ETC1-P0581 Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS
logo
Pulse A Technitrol Comp...
P0581_0611 PULSE-P0581_0611 Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS
PE-64487NL PULSE-PE-64487NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51687NL PULSE-PE-51687NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51719NL PULSE-PE-51719NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-63587NL PULSE-PE-63587NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51686NL PULSE-PE-51686NL Datasheet
86Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
P0582NL PULSE-P0582NL Datasheet
79Kb / 2P
THT CURRENT SENSE TRANSFORMERS
PE-51688NL PULSE-PE-51688NL Datasheet
78Kb / 2P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PA3655NL PULSE-PA3655NL Datasheet
624Kb / 1P
THT Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com