Electronic Components Datasheet Search
  English  ▼

X  

SBD1040CT Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SBD1040CT
Description  SCHOTTKY BARRIER RECTIFIERS(10A,30-45V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SBD1040CT Datasheet(HTML) 1 Page - Mospec Semiconductor

  SBD1040CT Datasheet HTML 1Page - Mospec Semiconductor SBD1040CT Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SBD1030CT thru SBD1045CT
SCHOTTKY BARRIER
RECTIFIERS
10 AMPERES
30-45 VOLTS
TO-252AA (D PAK)
MILLIMETERS
DIM
MIN
MAX
A
5.40
5.60
B
6.30
6.70
C
2.20
2.40
D
5.20
5.50
E
9.00
10.00
F
6.60
7.00
G
2.40
3.00
H
0.90
1.50
I
0.45
0.55
J
0.45
0.60
K
0.90
1.50
L
0.70
0.90
M
0.50
0.70
N
0.60
0.90
P
2.70
3.10
Q
5.00
5.40
S
4.80
5.20
T
-----
2.30
V
1.20
1.40
X
0.80
1.20
SWITCHMODE POWER RECTIFIERS
D PAK SURFACE MOUNT POWER PACKAGE
The D PAK Power rectifier employs the Schottky Barrier principle
with a Molybdenum barrier metal. These state-of-the-art devices have
the following features:
* Low Forward Voltage
* Low Switching noise
* High Surge Capacity
* Guarantee Reverse Avalanche
* Guard-Ring for Stress Protection
* Lower Power Loss & High efficiency
* 125℃ Operating Junction Temperature
* Lower Stored Charge Majority Carrier Conduction
* Similar Size to the industry Standard TO-251 Package
* Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
* Marking: S1030T-S1045T
* Weight: 0.011 ounce, 0.295 gram
MAXIMUM RATINGS
SBD
Characteristic
Symbol
1030CT
1035CT
1040CT
1045CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
V
Average Rectifier Forward Current
Total Device (Rated VR), TC=100℃
IF(AV)
5.0
10
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
10
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
125
A
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +125
℃
ELECTRIAL CHARACTERISTICS
SBD
Characteristic
Symbol
1030CT
1035CT
1040CT
1045CT
Unit
Maximum Instantaneous Forward Voltage
( IF =5 Amp, TC = 25℃)
VF
0.55
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
500
5.0
uA
mA


Similar Part No. - SBD1040CT

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SBD10C100F SILAN-SBD10C100F Datasheet
237Kb / 6P
10A, 100V SCHOTTKY RECTIFIER
REV:1.2 2010.10.22
SBD10C100T SILAN-SBD10C100T Datasheet
237Kb / 6P
10A, 100V SCHOTTKY RECTIFIER
REV:1.2 2010.10.22
SBD10C100TSW3D98 SILAN-SBD10C100TSW3D98 Datasheet
237Kb / 6P
10A, 100V SCHOTTKY RECTIFIER
REV:1.2 2010.10.22
More results

Similar Description - SBD1040CT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10A30 MOSPEC-S10A30 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S10C30 MOSPEC-S10C30 Datasheet
222Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
SBD1630CT MOSPEC-SBD1630CT Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(16A,30-45V)
SBD2030CT MOSPEC-SBD2030CT Datasheet
54Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(20A,30-45V)
logo
SeCoS Halbleitertechnol...
SMPD1045 SECOS-SMPD1045 Datasheet
152Kb / 2P
45V, 10A Surface Mount Schottky Barrier Rectifiers
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
45V, 10A Low VF Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
MBR1045ULPS PACELEADER-MBR1045ULPS Datasheet
401Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 45V
logo
Shindengen Electric Mfg...
D10FY4R5ST SHINDENGEN-D10FY4R5ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 45V, 10A
D10FY4R5SY SHINDENGEN-D10FY4R5SY Datasheet
1Mb / 7P
Schottky Barrier Diodes 45V, 10A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com