Electronic Components Datasheet Search
  English  ▼

X  

2-5-1J Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # 2-5-1J
Description  Wideband RF Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

2-5-1J Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  2-5-1J Datasheet HTML 1Page - Datatronic Distribution, Inc. 2-5-1J Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
March 27, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25ºC
Part Number
Insertion Loss
Type D
Type W
Type J
Ratio
Impedance
Frequency
MHz
3dB
MHz
2dB
MHz
1dB
MHz
Schematic
2-1-1D
2-1-6D
2-2-1D
2-2.5-6D
2-3-1D
2-4-1D
2-4-6D
2-5-1D
2-8-1D
2-13-1D
2-16-6D
2-1-1W
2-1-6W
2-2-1W
2-2.5-6W
2-3-1W
2-4-1W
2-4-6W
2-5-1W
2-8-1W
2-13-1W
2-16-6W
2-1-1J
2-1-6J
2-2-1J
2-2.5-6J
2-3-1J
2-4-1J
2-4-6J
2-5-1J
2-8-1J
2-13-1J
2-16-6J
1
1
2
2.5
3
4
4
5
8
13
16
.050-200
.003-300
.070-200
.010-100
.050-250
.200-350
.020-250
.300-300
.030-140
.300-120
.030-75
.050-200
.003-300
.070-200
.010-100
.050-250
.200-350
.020-250
.300-300
.030-140
.300-120
.030-75
.080-150
.010-150
.100-100
.020-50
.100-200
.350-300
.050-150
.600-200
.100-90
.700-80
.060-30
.20-80
.02-50
.50-50
.05-20
.50-70
2-100
.10-100
.50-100
1-60
5-20
10-20
3-1-1D
3-1-6D
3-1.5-1D
3-1.5-6D
3-2.5-6D
3-4-6D
3-9-1D
3-16-1D
3-36-1D
3-1-1W
3-1-6W
3-1.5-1W
3-1.5-6W
3-2.5-6W
3-4-6W
3-9-1W
3-16-1W
3-36-1W
3-1-1J
3-1-6J
3-1.5-1J
3-1.5-6J
3-2.5-6J
3-4-6J
3-9-1J
3-16-1J
3-36-1J
1
1
1.5
1.5
2.5
4
9
16
36
.150-400
.010-150
.100-300
.020-100
.010-100
.020-200
.150-200
.300-120
.030-20
.150-400
.010-150
.100-300
.020-100
.010-100
.020-200
.150-200
.300-120
.030-20
.350-200
.020-100
.200-150
.050-50
.020-50
.050-150
.300-150
.700-80
.050-10
2-50
.05-50
.50-80
.10-25
.05-20
.10-100
2-40
.50-20
.10-5
4-1-6D
4-1.5-1D
4-2.5-6D
4-4-1D
4-25-1D
4-1-6W
4-1.5-1W
4-2.5-6W
4-4-1W
4-25-1W
4-1-6J
4-1.5-1J
4-2.5-6J
4-4-1J
4-25-1J
1
1.5
2.5
4
25
.004-500
.075-500
.010-50
.050-200
.020-30
.004-500
.075-500
.010-50
.050-200
.020-30
.020-200
.200-100
.025-25
.200-50
.050-20
.10-50
.10-50
.05-10
1-30
.10-10
Notes:
1.
Other values of impedance are available, consult factory for details.
2.
For non-RoHS part consult factory for special part numbers.
Wideband RF Transformers
Features
Designed for use in wideband RF applications
Frequency range 10kHz to 500MHz
Low insertion loss
Impedance levels from 12.5 Ohms to 800 Ohms (nominal 50 Ohms)
6 pin DIP and SMT packages
6
4
1
3
2 Sec
Pri
6
4
1
3
Sec
Pri
6
4
1
3
2 Sec
Pri 5


Similar Part No. - 2-5-1J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2-5-1J_ BOURNS-2-5-1J_ Datasheet
352Kb / 3P
Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
More results

Similar Description - 2-5-1J

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT108-0 DATATRONICS-PT108-0 Datasheet
121Kb / 2P
WIDEBAND RF TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
Wideband RF Transformers
WB1010-PCL COILCRAFT-WB1010-PCL_16 Datasheet
213Kb / 2P
Wideband RF Transformers
logo
XFMRS Inc.
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB0936-CO XFMRS-XFWB0936-CO Datasheet
51Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB0946-CO XFMRS-XFWB0946-CO Datasheet
43Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB1155-DO XFMRS-XFWB1155-DO Datasheet
51Kb / 1P
RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com