Electronic Components Datasheet Search
  English  ▼

X  

MCSO1F Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO1F
Description  Miniature SMD Clock-Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO1F Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO1F Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO1F Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCSO1F Miniature SMD Clock-Oscillator
Overall stability ± 100ppm
5V Power Supply
40 to 160MHz
Date :
June 2003
Revision No. : 3
Revision Date : 11-05
Page 1 / 2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
FREQUENCY STABILITY
OVER:
OPERATING TEMP. RANGE:
See note 1
OVERALL STABILITY:
< ±100ppm *
INCLUDING:
OVER OPERATING TEMPERATURE RANGE
ADJUSTMENT @ 25°C
LONG TERM AGING (10 YEARS)
STABILITY OVER SUPPLY VOLTAGE ±10%
STABILITY OVER LOAD (MIN. TO MAX.)
POWER SUPPLY
SUPPLY VOLTAGE:
Vdd = 5V
±10% *
INPUT CURRENT:
< 50mA*
OUTPUT
OUTPUT SIGNAL:
AC-MOS compatible *
SYMMETRY:
40 / 60% (min.) @ Vdd / 2 *
RISE & FALL TIME:
tr < 3ns
tf < 3ns *
LEVEL “0” & “1”:
< 0.4V
> Vdd – 0.5V
START-UP TIME:
< 5ms
FAN OUT (LOAD):
10 TTL / LS *
JITTER:
< 1ps
ENVIRONMENT
OPERABLE TEMP. RANGE:
-55 to +125°C
STORAGE TEMP. RANGE:
-65 to +125°C
VIBRATIONS:
10 to 2000Hz / 10g
SHOCKS:
5000g, 0.3ms, ½ sine
PACKAGE:
Ceramic
PACKAGE DIMENSIONS:
8.0 x 3.7 x 2.0mm
(see packaging info)
PROCESSING:
Reflow soldering 260°C / 10s max.
(see packaging info)
MISCELLANEOUS
* Customer’s specification on request
Note 1: Operating Temperature Range
MCSO1F-A:
0 to +70 °C
MCSO1F-B:
-40 to +85 °C
MCSO1F-C:
-55 to +125 °C
Option 1: Enable / Disable (on request)
See application circuit on page 2 for details
Pin 1:
Pin 3 (Fout)::
Open
Clock
H
Clock
L
High Z
Marking Example
MCSO1F-B
E/D
Type
Option 1
160.000 MHz
05.44
Frequency
Date Code
(PIN 1)
Ordering Information Example
MCSO1
F -
B
160MHz E/D xxx
Oscillator Type
MCSO1 = Miniature Surface
Mount Clock
Crystal Oscillator
Oscillator Version
Temperature Range
F = Low Jitter
A = 0 to +70°C
B = -40 to 85°C
C = -55 to 125°C
X = Custom spec.
Oscillator Output
Frequency
Option 1:
E/D = Enable /
Disable
Customer
spec N°
STANDARD FREQUENCIES [MHz]


Similar Part No. - MCSO1F

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1F GOLLEDGE-MCSO1F Datasheet
59Kb / 1P
5V CMOS Oscillator Low Jitter
MCSO1F/A GOLLEDGE-MCSO1F/A Datasheet
59Kb / 1P
5V CMOS Oscillator Low Jitter
MCSO1F/TBE GOLLEDGE-MCSO1F/TBE Datasheet
59Kb / 1P
5V CMOS Oscillator Low Jitter
MCSO1FH GOLLEDGE-MCSO1FH Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
MCSO1FHV GOLLEDGE-MCSO1FHV Datasheet
551Kb / 4P
3.3V CMOS Oscillator with Low Jitter
More results

Similar Description - MCSO1F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-32F KSS-FXO-32F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9301 ACT-ACT9301 Datasheet
256Kb / 3P
miniature SMD clock oscillator
25/08/2005
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1 Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1E MICROCRYSTAL-MCSO1E Datasheet
72Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1FV MICROCRYSTAL-MCSO1FV Datasheet
57Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1H MICROCRYSTAL-MCSO1H Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1HV MICROCRYSTAL-MCSO1HV Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1V MICROCRYSTAL-MCSO1V Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1EL MICROCRYSTAL-MCSO1EL Datasheet
76Kb / 2P
Miniature SMD Clock-Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com