Electronic Components Datasheet Search
  English  ▼

X  

OCXOVST Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # OCXOVST
Description  Oven Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OCXOVST Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  OCXOVST Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND OCXOVST Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OCXOVST Oven Controlled Crystal Oscillator
HC-MOS Output
5 V Power Supply
Stratum 3
up to 40 MHz
DATE:
June 2003
Revision No.: 2
Page 1/2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
FREQUENCY STABILITY
FREQUENCY STABILITY
OVERALL INCLUDED LONG
TERM AGING 15 YEARS:
< ±4.6 ppm
HOLDOVER STABILITY DURING
24 HOURS INCLUDING LOAD,
SUPPLY VOLTAGE AND TEM-
PERATURE VARIATION:
< ±0.28 ppm (0.56 ppm p-to-p)
POWER SUPPLY
SUPPLY INPUT:
Vcc = 5 V ±0.2 V
*
INPUT CURRENT :
< 70 mA @ +30 °C *
INPUT CURRENT :
< 110 mA @ -20 °C *
FREQUENCY CONTROL RANGE
CONTROL VOLTAGE:
Not applicable, pin 1 must be
connected to ground (see note 2)
INTERNAL CALIBRATION:
< ±1 ppm *
OUTPUT
OUTPUT SIGNAL:
HC-MOS compatible
SYMMETRY:
45 (min.) /55 (max.) % @ Vcc / 2 *
RISE AND FALL TIME:
tr < 7ns
tf < 7 ns *
LEVEL „0“ AND „1“:
< 0.4 V
> Vcc –0.5 V
FAN OUT (LOAD):
10 LS or 47pF max.
ENVIRONMENT
OPERABLE TEMP. RANGE:
-40 to +85 °C
STORAGE TEMP. RANGE:
-65 to +125 °C
VIBRATION:
10 to 2000 Hz / 10 g
SHOCK:
2000 g, 0.3 ms, ½ sine
PACKAGE:
DIL 14, 4 pins, GND to case
PACKAGE HEIGHT:
8 mm
(see packaging info)
WARM-UP
∆
∆
∆
∆
F/F:
within spec after 30s @ 0°C *
CURRENT:
< 250 mA during 10s
MISCELLANEOUS
SHORT TERM STABILITY:
< 5 E-10 0.1 s to 30 s
Typical 5 E-11 @ 1 s
PHASE NOISE (BW = 1Hz):
(typical, @ 10MHz in static
conditions)
1
Hz : - 70 dBc / Hz
10 Hz : -100 dBc / Hz
100 Hz : -130 dBc / Hz
1 kHz : -140 dBc / Hz
*
Customer’s specification on request
NOTE 1
OCXOVST-D
TEMP. RANGE *
0 to +70 °C
OCXOVST-C
TEMP. RANGE *
-40 to +85 °C
NOTE 2
On request:
Possibility of frequency adjustment with control
voltage.
MARKING EXAMPLE
OCXOVST-C
Type
Spec No.
12.800 MHz
01.25
Frequency
Date Code
12
(PIN 1)
Piece No.
ORDERING INFORMATION EXAMPLE
V S T
Oscillator Type
x x x
N°of
customer
spec.
OCXO = Oven Controlled
Crystal Oscillator
-
C
Temperature Range
C = -40 to +85°C
D = 0 to +70°C
O
C
O
X
12.8 MHz
Oscillator output
frequency
Oscillator Version
V = low power voltage 5V
ST = Stratum 3 application
STANDARD FREQUENCIES (MHz)
12.8000
16.3840
19.4400
20.0000
40.0000


Similar Part No. - OCXOVST

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOVST GOLLEDGE-OCXOVST Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
OCXOVST/C GOLLEDGE-OCXOVST/C Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOVST/D GOLLEDGE-OCXOVST/D Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
logo
MICORO CRYSTAL SWITZERL...
OCXOVSTC12.8MHZ MICROCRYSTAL-OCXOVSTC12.8MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
More results

Similar Description - OCXOVST

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
Oven Controlled Crystal Oscillator
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
OVEN CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com