Electronic Components Datasheet Search
  English  ▼

X  

SN28835 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN28835
Description  1/2-INCH NTSC TIMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28835 Datasheet(HTML) 3 Page - Texas Instruments

  SN28835 Datasheet HTML 1Page - Texas Instruments SN28835 Datasheet HTML 2Page - Texas Instruments SN28835 Datasheet HTML 3Page - Texas Instruments SN28835 Datasheet HTML 4Page - Texas Instruments SN28835 Datasheet HTML 5Page - Texas Instruments SN28835 Datasheet HTML 6Page - Texas Instruments SN28835 Datasheet HTML 7Page - Texas Instruments SN28835 Datasheet HTML 8Page - Texas Instruments SN28835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
The levels on these two terminals determine which of the four antiblooming modes is selected:
ABS1
ABS0
Operation
L
L
No ABG pulses
L
H
2-MHz burst of ABG pulses
H
L
1-MHz burst of ABG pulses
H
H
1-MHz continuous ABG pulses
SN28835
1/2-INCH NTSC TIMER
SOCS023B – FEBRUARY 1991
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ABIN
30
O
Antiblooming in
ABS0
10
I
ABS1
11
I
BCP1
1
O
Optical black clamp
BCP2
2
O
Optical black clamp
BF
7
O
Burst flag
CBLK
6
O
Composite blank
CLK2M
21
O
2-MHz clock
CP1
4
O
Clamp
CP2
3
O
Clamp
CSYNC
5
O
Composite sync
E/L
43
I
Delay select for S1, S2, S3. When E/L is high, the three serial-transfer pulses occur early relative to the
sample-and-hold pulses SH1, SH2, and SH3. When E/L is low, the three serial-transfer pulses occur
late relative to the sample-and-hold pulses.
FI
44
O
Field index
GND
33
Ground
GP
15
I
Exposure control: GP gates the PS and PI outputs (see the description of GPS)
GPS
13
I
When GPS is high, the timer operates in the normal-integration-time mode (tint = 16.67 ms) and VD is
connected internally to GP. To operate the imager in the variable-integration-time mode, GPS must be
held low and a user-defined logic circuit must be inserted between VD and GP to vary the integration
time (see Figure 1).
GT
29
O
TMS3473B parallel-driver MIDSEL input switch
GT1/SH3
38
O
GT1/SH3 is a logic signal for both Y gate 1 of the TL1051 video preprocessor and sample-and-hold
channel 3 of the TL1593 3-channel sample-and-hold circuit.
GT2
39
O
Y gate 2 for the TL1051 video preprocessor
GT3/SH2
37
O
GT3/SH2 is a logic signal for both Y gate 3 and sample-and-hold channel 2 of the TL1051 video
preprocessor.
HCR
41
I
Horizontal-counter reset
HGATE
20
O
Decoded H count signal. HGATE is a test point and is not used in normal operation.
HIGH
12
I
Not used (tie high)
MODE
32
I
TC243/TC245 CCD select. When MODE is low, the TC244/245 CCD imager is selected; when MODE
is high, the TC242/243 is selected (see the appropriate data sheets for imager differences).
PD
27
O
Power down. A low-logic level on PD causes the device to enter a low power-consumption mode.
PI
31
O
Parallel-image-area gate clock
PS
28
O
Parallel-storage-area gate clock
SB
14
I
Standby-mode select. When SB is high, normal operation is selected; when SB is low, the power-down
mode is selected.
SC
8
O
Subcarrier
SC(90)
9
O
Subcarrier phase shifted by 90 degrees
SH1
36
O
Sample and hold 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com