Electronic Components Datasheet Search
  English  ▼

X  

2SA673 Datasheet(PDF) 1 Page - Dc Components

Part # 2SA673
Description  TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

2SA673 Datasheet(HTML) 1 Page - Dc Components

  2SA673 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA673
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Designed for low frequency amplifier applications
Pinning
1 = Emitter
2 = Collector
3 = Base
TO-92
Dimensions in inches and (millimeters)
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
2oTyp
5oTyp.
2oTyp
3 2 1
5oTyp.
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-35
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Total Power Dissipation
PD
400
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Rank
B
C
D
Range
60~120
100~200
160~320
Classification of hFE1
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-35
-
-
V
IC=-100
µA, IE=0
Collector-Emitter Breakdown Volatge
BVCEO
-35
-
-
V
IC=-1mA, IB=0
Emitter-Base Breakdown Volatge
BVEBO
-5
-
-
V
IE=-100
µA, IC=0
Collector Cutoff Current
ICBO
-
-
-0.5
µA
VCB=-20V, IE=0
Emitter Cutoff Current
IEBO
-
-
-0.5
µA
VEB=-5V, IC=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
-0.1
-0.6
V
IC=-150mA, IB=-15mA
Base-Emitter Saturation Voltage(1)
VBE(sat)
-
-
-1.2
V
IC=-150mA, IB=-15mA
DC Current Gain(1)
hFE1
60
-
320
-
IC=-10mA, VCE=-3V
hFE2
35
-
-
-
IC=-500mA, VCE=-3V
Transition Frequency
fT
-
190
-
MHz
IC=-20mA, VCE=-6V
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Similar Part No. - 2SA673

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA673 HITACHI-2SA673 Datasheet
31Kb / 6P
Silicon PNP Epitaxial
logo
Micro Electronics
2SA673 MICRO-ELECTRONICS-2SA673 Datasheet
63Kb / 1P
SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA673 TEL-2SA673 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SA673 RENESAS-2SA673 Datasheet
60Kb / 5P
Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673 Datasheet
215Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results

Similar Description - 2SA673

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBT1015 DCCOM-DMBT1015 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT2907A DCCOM-DMBT2907A Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT3906 DCCOM-DMBT3906 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
I772 DCCOM-I772 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2N5401 DCCOM-2N5401 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SB772S DCCOM-2SB772S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC307 DCCOM-BC307 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC328 DCCOM-BC328 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MPSA55 DCCOM-MPSA55 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC857BS DCCOM-BC857BS Datasheet
229Kb / 2P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com