Electronic Components Datasheet Search
  English  ▼

X  

2SA1195 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # 2SA1195
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SA1195 Datasheet(HTML) 1 Page - Savantic, Inc.

  2SA1195 Datasheet HTML 1Page - Savantic, Inc. 2SA1195 Datasheet HTML 2Page - Savantic, Inc. 2SA1195 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1195
DESCRIPTION
·With TO-202 package
·High power dissipation
·Complement to type 2SC2483
APPLICATIONS
·For high voltage and general
purpose amplification
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-160
V
VCEO
Collector-emitter voltage
Open base
-160
V
VEBO
Emitter-base voltage
Open collector
-6
V
IC
Collector current
-1.5
A
IB
Base current
-0.5
A
Ta=25
2
PC
Collector power dissipation
TC=25
15
W
Tj
Junction temperature
175
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-202) and symbol


Similar Part No. - 2SA1195

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1195 TOSHIBA-2SA1195 Datasheet
126Kb / 3P
SILICON PNP EPITAXIAL TRANSISTOR
logo
Inchange Semiconductor ...
2SA1195 ISC-2SA1195 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1195 JMNIC-2SA1195 Datasheet
154Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1195 NJSEMI-2SA1195 Datasheet
227Kb / 1P
New Jersey Semi-Conductor Products,
logo
Quanzhou Jinmei Electro...
2SA1195 JMNIC-2SA1195 Datasheet
154Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1195

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com