Electronic Components Datasheet Search
  English  ▼

X  

BC307 Datasheet(PDF) 1 Page - Dc Components

Part # BC307
Description  TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BC307 Datasheet(HTML) 1 Page - Dc Components

  BC307 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC307
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Designed for general purpose switching and amplifier
applications.
Pinning
1 = Collector
2 = Base
3 = Emitter
TO-92
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
2oTyp
5oTyp.
2oTyp
3 2 1
5oTyp.
Dimensions in inches and (millimeters)
Characteristic
Symbol
Rating
Unit
Collector-Emitter Voltage
VCES
-50
V
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Total Power Dissipation
PD
500
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Rank
A
B
C
Range
120~220
180~460
380~800
Classification of hFE
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Emitter Breakdown Volatge
BVCES
-50
-
-
V
IC=-10
µA, VEB=0
BVCEO
-45
-
-
V
IC=-2mA, IB=0
Emitter-Base Breakdown Volatge
BVEBO
-5
-
-
V
IE=-10
µA, IC=0
Collector Cutoff Current
ICES
-
-2
-15
nA
VCE=-45V, IB=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)1
-
-
-0.3
V
IC=-10mA, IB=-0.5mA
VCE(sat)2
-
-0.5
-0.6
V
IC=-100mA, IB=-5mA
Base-Emitter Saturation Voltage(1)
VBE(sat)1
-
-0.7
-0.8
V
IC=-10mA, IB=-0.5mA
VBE(sat)2
-
-0.85
-1.1
V
IC=-100mA, IB=-5mA
Base-Emitter On Voltage(1)
VBE(on)
-0.55
-0.62
-0.7
V
IC=-2mA, VCE=-5V
DC Current Gain(1)
hFE
120
-
800
-
IC=-2mA, VCE=-5V
Transition Frequency
fT
-
130
-
MHz
IC=-10mA, VCE=-5V, f=50MHz
Output Capacitance
Cob
-
-
6
pF
VCB=-10V, f=1MHz
Noise Figure
NF
-
-
10
dB
VCE=-5V, IC=-200
µA, f=1KHz,
RS=2K
Ω, B=200Hz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Similar Part No. - BC307

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC307 MOTOROLA-BC307 Datasheet
110Kb / 4P
Amplifier Transistors(PNP)
logo
ON Semiconductor
BC307 ONSEMI-BC307 Datasheet
84Kb / 4P
Amplifier Transistors(PNP Silicon)
1997 REV 1
logo
NXP Semiconductors
BC307 PHILIPS-BC307 Datasheet
52Kb / 8P
PNP general purpose transistors
1997 Mar 07
logo
Fairchild Semiconductor
BC307 FAIRCHILD-BC307 Datasheet
69Kb / 5P
PNP EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC307 KEC-BC307 Datasheet
144Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
More results

Similar Description - BC307

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBT1015 DCCOM-DMBT1015 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT2907A DCCOM-DMBT2907A Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT3906 DCCOM-DMBT3906 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
I772 DCCOM-I772 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2N5401 DCCOM-2N5401 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SA673 DCCOM-2SA673 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SB772S DCCOM-2SB772S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC328 DCCOM-BC328 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MPSA55 DCCOM-MPSA55 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC857BS DCCOM-BC857BS Datasheet
229Kb / 2P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com