Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 1 Page - Dc Components

Part # BAT54
Description  TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BAT54 Datasheet(HTML) 1 Page - Dc Components

  BAT54 Datasheet HTML 1Page - Dc Components BAT54 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAT54
BAT54A
BAT54C
BAT54S
Dimensions in inches and (millimeters)
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
VOLTAGE - 30 Volts
CURRENT - 0.2 Amperes
FEATURES
MECHANICAL DATA
* For general purpose applications
* Low turn-on voltage.
* Fast switching time.
* Protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharge(ESD).
NOTES :
2. Measured at 1 MHz and applied reverse voltage of 1.0 volts.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.2
0.6
Amps
Storage Operating Temperature Range
R
θJA
IO
-55 to + 125
pF
Maximum DC Reverse Current at TA=25oC, VR=25V
µAmps
Maximum Instantaneous Forward Voltage
2.0
635
10
30
21
30
1.0 @ IF=0.1A
Volts
0 C/ W
0 C
BAT54
BAT54A
VF
IR
0.32 @ IF=0.001A
1. Terminals maintained at specified ambient temperature.
BAT54C
BAT54S
SINGLE
COMMON ANODE COMMON CATHODE
SERIES
BAT54
BAT54A
BAT54C
BAT54S
Pin Configuration (Top View)
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per
MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 0.008 grams Approx.
SOT-23
.091(2.3)
.067(1.7)
.063(1.6)
.047(1.2)
.108(2.8)
.083(2.1)
.045(1.2)
.034(0.9)
.120(3.0)
.110(2.8)
.020(0.5)
.012(0.3)
.0071(0.18)
.0035(0.09)
.004
(0.10)
.051(1.3)
.035(0.9)
.026(0.7)
.010(0.3)
Max
.027(0.7)
.013(0.3)


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54 STMICROELECTRONICS-BAT54 Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54 WTE-BAT54 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL60P DCCOM-DL60P Datasheet
43Kb / 1P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
BAS40 DCCOM-BAS40 Datasheet
75Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAT42 DCCOM-BAT42 Datasheet
192Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
1N60P DCCOM-1N60P Datasheet
62Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
BAS85 DCCOM-BAS85 Datasheet
240Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAT85 DCCOM-BAT85 Datasheet
194Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAT54W DCCOM-BAT54W Datasheet
251Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
SD103A DCCOM-SD103A Datasheet
52Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
LL103A DCCOM-LL103A Datasheet
240Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com