Electronic Components Datasheet Search
  English  ▼

X  

BC549 Datasheet(PDF) 1 Page - Dc Components

Part # BC549
Description  TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BC549 Datasheet(HTML) 1 Page - Dc Components

  BC549 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC548
BC549
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for use in drive stage of audio amplifiers.
Pinning
1 = Collector
2 = Base
3 = Emitter
TO-92
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
2oTyp
5oTyp.
2oTyp
3 2 1
5oTyp.
Dimensions in inches and (millimeters)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Total Power Dissipation
PD
500
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Rank
A
B
C
Range
110~220
200~450
420~800
Classification of hFE
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
30
-
-
V
IC=100
µA, IE=0
Collector-Emitter Breakdown Volatge
BVCEO
30
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Volatge
BVEBO
5
-
-
V
IE=100
µA, IC=0
Collector Cutoff Current
ICBO
-
-
15
nA
VCB=30V, IE=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
0.2
0.6
V
IC=100mA, IB=5mA
Base-Emitter Saturation Voltage(1)
VBE(sat)
-
0.9
1.1
V
IC=100mA, IB=5mA
Base-Emitter On Voltage(1)
VBE(on)1
0.58
-
0.7
V
IC=2mA, VCE=5V
VBE(on)2
-
-
0.77
V
IC=10mA, VCE=5V
DC Current Gain(1)
hFE
110
-
800
-
IC=2mA, VCE=5V
Transition Frequency
fT
-
300
-
MHz
IC=10mA, VCE=5V, f=100MHz
Output Capacitance
Cob
-
3.5
6
pF
VCB=10V, f=1MHz, IE=0
Noise Figure
BC548
NF
-
2
10
dB
VCE=-5V, IC=-200
µA, f=1KHz,
BC549
-
1.4
4
RS=2K
Ω, B=200Hz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Similar Part No. - BC549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC549 PHILIPS-BC549 Datasheet
44Kb / 8P
NPN general purpose transistors
1999 Apr 22
logo
Semtech Corporation
BC549 SEMTECH-BC549 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC549 SIEMENS-BC549 Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC549 FAIRCHILD-BC549 Datasheet
44Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC549 GE-BC549 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
More results

Similar Description - BC549

ManufacturerPart #DatasheetDescription
logo
Dc Components
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com