Electronic Components Datasheet Search
  English  ▼

X  

LL103A Datasheet(PDF) 1 Page - Dc Components

Part # LL103A
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

LL103A Datasheet(HTML) 1 Page - Dc Components

  LL103A Datasheet HTML 1Page - Dc Components LL103A Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
VOLTAGE RANGE - 20 to 40 Volts
CURRENT - 0.35 Ampere
FEATURES
MECHANICAL DATA
* For general purpose applications
* Low turn-on voltage
* Fast switching time
* Protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharge(ESD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.35
2.0
Amps
Storage Operating Temperature Range
R
θJA
IO
-55 to + 125
pF
Maximum DC Reverse Current
µAmps
Maximum Instantaneous Forward Voltage
5.0 @ VR=30V
300
50
30
21
30
0.6
Volts
0 C/ W
0 C
LL103A
LL103B
VF
IR
0.37
Note: 1. Terminals maintained at specified at ambient temperature.
2. Measured at 1 MHz and applied reverse voltage of 0 volts.
LL103C
LL103A
THRU
LL103C
40
28
40
20
14
20
5.0 @ VR=20V
5.0 @ VR=10V
@ IF=0.2A
@ IF=0.02A
* Case: Glass sealed case Mini Melf(DL-35)
* Terminals: Solder plated solderable per
MIL-STD-750, Method 2026
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.05 gram approx.
Mini Melf(DL-35)
.016(0.4)
.008(0.2)
.059(1.5)
.055(1.4)
.142(3.6)
.134(3.4)
.016(0.4)
.008(0.2)
CATHODE MARK


Similar Part No. - LL103A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL103A SEMTECH-LL103A Datasheet
181Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications?
logo
General Semiconductor
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL103A DIOTEC-LL103A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
LL103A EIC-LL103A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
List of Unclassifed Man...
LL103A ETC1-LL103A Datasheet
398Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - LL103A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SK12 DCCOM-SK12 Datasheet
489Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK32 DCCOM-SK32 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM120M DCCOM-SM120M Datasheet
348Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM150 DCCOM-SM150 Datasheet
415Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM5817 DCCOM-SM5817 Datasheet
399Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAS40 DCCOM-BAS40 Datasheet
75Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAT42W DCCOM-BAT42W Datasheet
66Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD103AW DCCOM-SD103AW Datasheet
246Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD520S DCCOM-SD520S Datasheet
270Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com