Electronic Components Datasheet Search
  English  ▼

X  

IRF640 Datasheet(PDF) 1 Page - Dc Components

Part # IRF640
Description  TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

IRF640 Datasheet(HTML) 1 Page - Dc Components

  IRF640 Datasheet HTML 1Page - Dc Components IRF640 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRF640
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
VDSS = 200 Volts
RDS(ON) = 0.18 Ohm
ID = 18 Amperes
Features
* Repetitive Avalanche Rated
* Fast Switching
* Ease of Paralleling
* Simple Drive Requirements
Pinning
1 = Gate
2 = Drain
3 = Source
Characteristic
Symbol
Rating
Unit
Drain Current @ TC=25oC
Continuous
ID
18
A
Pulsed
IDM
72
Gate-to-Source Voltage
VGS
20
V
Total Power Dissipation @ TC=25oC
PD
125
W
Derate above 25oC
1.0
W/oC
Operating Junction Temperature
TJ
-55 to +150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Maximum Lead Temperature for Soldering Purposes,
TL
260
o
C
1/8" from Case for 10 Seconds
Description
Designed for low voltage, high speed power switching
applications such as switching regulators, converters,
solenoid and relay drivers.
Symbol
S
D
G
N-Channel MOSFET
TO-220AB
Dimensions in inches and (millimeters)
.295(7.49)
.220(5.58)
Typ
.024(0.60)
.014(0.35)
.055(1.40)
.045(1.14)
.562(14.27)
.500(12.70)
.625(15.87)
.570(14.48)
.055(1.39)
.045(1.15)
.185(4.70)
.173(4.40)
.405(10.28)
.380(9.66)
.350(8.90)
.330(8.38)
.640
(16.25)
Typ
.037(0.95)
.030(0.75)
.100
(2.54)
Typ
.151
(3.83)
1
2
3
Absolute Maximum Ratings


Similar Part No. - IRF640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640 PHILIPS-IRF640 Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
IRF640 FAIRCHILD-IRF640 Datasheet
916Kb / 10P
200V N-Channel MOSFET
More results

Similar Description - IRF640

ManufacturerPart #DatasheetDescription
logo
Dc Components
2N7000 DCCOM-2N7000 Datasheet
216Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
2N7002 DCCOM-2N7002 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
IRF630 DCCOM-IRF630 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF730 DCCOM-IRF730 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF740 DCCOM-IRF740 Datasheet
209Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF830 DCCOM-IRF830 Datasheet
205Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF840 DCCOM-IRF840 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com