Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 2 Page - Dc Components

Part # IRF730
Description  TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

IRF730 Datasheet(HTML) 2 Page - Dc Components

  IRF730 Datasheet HTML 1Page - Dc Components IRF730 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain-Source Breakdown Voltage
V(BR)DSS
400
-
-
V
VGS=0V, ID=250
µA
Drain-Source Leakage Current
IDSS
-
-
0.25
mA
VDS=400V, VGS=0V
-
-
1.0
VDS=320V, VGS=0V, TJ=125oC
Gate-Source Forward Leakage Current
IGSSF
-
-
100
nA
VGSF=20V, VDS=0V
Gate-Source Reverse Leakage Current
IGSSR
-
-
-100
VGSR=-20V, VDS=0V
Gate Threshold Voltage
VGS(th)
2.0
-
4.0
V
VDS=VGS, ID=250
µA
Static Drain-Source On-Resistance
RDS(on)
-
0.8
1.0
Ω
VGS=10V, ID=2.5A(Note)
Forward Transconductance
gFS
2.0
-
-
S
VDS= 15V, ID=2.5A(Note)
Input Capacitance
Ciss
-
775
-
Output Capacitance
Coss
-
96
-
pF
VDS=25V, VGS=0V, f=1.0MHz
Reverse Transfer Capacitance
Crss
-
22
-
Turn-On Delay Time
td(on)
-
24
-
Rise Time
tr
-
34
-
ns
VDD=200V, ID=5.0A,
Turn-Off Delay Time
td(off)
-
60
-
VGS=10V, RG=12
Ω, RL=50Ω(Note)
Fall Time
tf
-
36
-
Total Gate Charge
Qg
-
27
32
Gate-Source Charge
Qgs
-
3.5
-
nC
VDS=320V, ID=5.0A, VGS=10V(Note)
Gate-Drain Charge
Qgd
-
14
-
Internal Drain Inductance
LD
-
4.5
-
nH
Measured from the drain lead 0.25"
from package to center of die
Internal Source Inductance
LS
-
7.5
-
nH
Measured from the source lead 0.25"
from package to source bond pad
Diode Forward Voltage
VSD
-
-
1.4
V
IS=5.0A, VGS=0V(Note)
Reverse Recovery Time
trr
-
-
660
ns
IF=5.0A, di/dt=100A/
µs(Note)
Forward Turn-On Time
ton
Intrinsic turn-on time is neglegible and dominated by inductance LS+LD
Thermal Resistance
Junction to Case
R
θJC
-
-
1.67
o
C/W -
Junction to Ambient
R
θJA
-
-
62.5
Electrical Characteristics (TJ = 25oC unless otherwise specified)
Note: Pulse Test: Pulse Width
300
µs, Duty Cycle
2%
R
DC COMPONENTS CO., LTD.
IRF730
N-Channel Power MOSFET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com