Electronic Components Datasheet Search
  English  ▼

X  

IRF830 Datasheet(PDF) 1 Page - Dc Components

Part # IRF830
Description  TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

IRF830 Datasheet(HTML) 1 Page - Dc Components

  IRF830 Datasheet HTML 1Page - Dc Components IRF830 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRF830
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
VDSS = 500 Volts
RDS(on) = 1.5 Ohms
ID = 4.0 Amperes
Features
* Repetitive Avalanche Rated
* Fast Switching
* Ease of Paralleling
* Simple Drive Requirements
Pinning
1 = Gate
2 = Drain
3 = Source
Description
Designed to withstand high energy in the avalanche mode and
switch efficiently. Also offer a drain-to-source diode with fast
recovery time. Designed for high voltage, high speed applications
such as power supplies, PWM motor controls and other inductive
loads, the avalanche energy capability is specified to eliminate
the guesswork in designs where inductive loads are switched and
offer additional safety margin against unexpected voltage transients.
Symbol
S
D
G
N-Channel MOSFET
TO-220AB
Dimensions in inches and (millimeters)
.295(7.49)
.220(5.58)
Typ
.024(0.60)
.014(0.35)
.055(1.40)
.045(1.14)
.562(14.27)
.500(12.70)
.625(15.87)
.570(14.48)
.055(1.39)
.045(1.15)
.185(4.70)
.173(4.40)
.405(10.28)
.380(9.66)
.350(8.90)
.330(8.38)
.640
(16.25)
Typ
.037(0.95)
.030(0.75)
.100
(2.54)
Typ
.151
(3.83)
1
2
3
Characteristic
Symbol
Rating
Unit
Drain Current @ TC=25oC
Continuous
ID
4.0
A
Pulsed
IDM
10
Gate-to-Source Voltage
VGS
20
V
Total Power Dissipation @ TC=25oC
PD
75
W
Derate above 25oC
0.6
W/oC
Operating Junction Temperature
TJ
-55 to +150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Maximum Lead Temperature for Soldering Purposes,
TL
260
o
C
1/8" from Case for 10 Seconds
Absolute Maximum Ratings


Similar Part No. - IRF830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF830 PHILIPS-IRF830 Datasheet
58Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Fairchild Semiconductor
IRF830 FAIRCHILD-IRF830 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
More results

Similar Description - IRF830

ManufacturerPart #DatasheetDescription
logo
Dc Components
2N7000 DCCOM-2N7000 Datasheet
216Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
2N7002 DCCOM-2N7002 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
IRF630 DCCOM-IRF630 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF640 DCCOM-IRF640 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF730 DCCOM-IRF730 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF740 DCCOM-IRF740 Datasheet
209Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF840 DCCOM-IRF840 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com