Electronic Components Datasheet Search
  English  ▼

X  

MPSA13 Datasheet(PDF) 1 Page - Dc Components

Part # MPSA13
Description  TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MPSA13 Datasheet(HTML) 1 Page - Dc Components

  MPSA13 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPSA13
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
Description
Designed for applications requiring extremely high
current gain.
Pinning
1 = Emitter
2 = Base
3 = Collector
TO-92
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
2oTyp
5oTyp.
2oTyp
3 2 1
5oTyp.
Dimensions in inches and (millimeters)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCES
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
500
mA
Total Power Dissipation
PD
600
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
30
-
-
V
IC=100
µA, IE=0
Collector-Emitter Breakdown Voltage
BVCES
30
-
-
V
IC=0.1mA, VBE=0
Emitter-Base Breakdown Volatge
BVEBO
10
-
-
V
IE=10
µA, IC=0
Collector Cutoff Current
ICBO
-
-
0.1
µA
VCB=30V, IE=0
Emitter Cutoff Current
IEBO
-
-
0.1
µA
VEB=10V, IC=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)1
-
-
1.5
V
IC=100mA, IB=0.1mA
VCE(sat)2
-
1
-
V
IC=500mA, IB=0.5mA
hFE1
5K
-
-
-
IC=10mA, VCE=5V
DC Current Gain(1)
hFE2
10K
-
-
-
IC=100mA, VCE=5V
hFE3
-
50K
-
-
IC=500mA, VCE=5V
Transition Frequency
fT
125
-
-
MHz
IC=10mA, VCE=5V, f=100MHz
Output Capacitance
Cob
-
-
6
pF
VCB=10V, f=1MHz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Similar Part No. - MPSA13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MPSA13 ONSEMI-MPSA13 Datasheet
72Kb / 6P
Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
KEC(Korea Electronics)
MPSA13 KEC-MPSA13 Datasheet
62Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
More results

Similar Description - MPSA13

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBTA13 DCCOM-DMBTA13 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
DMBTA14 DCCOM-DMBTA14 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
DXTA13 DCCOM-DXTA13 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MID112 DCCOM-MID112 Datasheet
222Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MID122 DCCOM-MID122 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MJD112 DCCOM-MJD112 Datasheet
244Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MJD122 DCCOM-MJD122 Datasheet
244Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MPSA14 DCCOM-MPSA14 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP112 DCCOM-TIP112 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP122 DCCOM-TIP122 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com