Electronic Components Datasheet Search
  English  ▼

X  

TIP117 Datasheet(PDF) 1 Page - Dc Components

Part # TIP117
Description  TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

TIP117 Datasheet(HTML) 1 Page - Dc Components

  TIP117 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIP117
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
Description
Designed for use in general purpose amplifier and
low-speed switching applications.
Pinning
1 = Base
2 = Collector
3 = Emitter
TO-220AB
Dimensions in inches and (millimeters)
.625(15.87)
.570(14.48)
.562(14.27)
.500(12.70)
.055(1.39)
.045(1.15)
.185(4.70)
.173(4.40)
.405(10.28)
.380(9.66)
.295(7.49)
.220(5.58)
.350(8.90)
.330(8.38)
.640
(16.25)
Typ
.055(1.40)
.045(1.14)
.037(0.95)
.030(0.75)
.100
(2.54)
Typ
.024(0.60)
.014(0.35)
Φ.151
Φ(3.83)
Typ
1 2 3
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
-100
-
-
V
IC=-1mA, IE=0
Collector-Emitter Breakdown Voltage
BVCEO
-100
-
-
V
IC=-30mA, IB=0
Collector Cutoff Current
ICBO
-
-
-1
mA
VCB=-100V, IE=0
ICEO
-
-
-2
mA
VCE=-50V, IB=0
Emitter Cutoff Current
IEBO
-
-
-2
mA
VEB=-5V, IC=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
-
-2.5
V
IC=-2A, IB=-8mA
Base-Emitter On Voltage(1)
VBE(on)
-
-
-2.8
V
IC=-2A, VCE=-4V
DC Current Gain(1)
hFE1
1K
-
-
-
IC=-1A, VCE=-4V
hFE2
500
-
-
-
IC=-2A, VCE=-4V
Output Capacitance
Cob
-
-
200
pF
VCE=-10V, f=0.1MHz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (continuous)
IC
-4
A
Collector Current (peak)
IC
-6
A
Total Power Dissipation(TC=25oC)
PD
50
W
Total Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)


Similar Part No. - TIP117

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP117 MOSPEC-TIP117 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP117 MOTOROLA-TIP117 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP117 ONSEMI-TIP117 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP117 POINN-TIP117 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP117 STMICROELECTRONICS-TIP117 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results

Similar Description - TIP117

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBTA13 DCCOM-DMBTA13 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
DMBTA64 DCCOM-DMBTA64 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
MID112 DCCOM-MID112 Datasheet
222Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MID117 DCCOM-MID117 Datasheet
222Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
MID122 DCCOM-MID122 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MJD112 DCCOM-MJD112 Datasheet
244Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MPSA14 DCCOM-MPSA14 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP112 DCCOM-TIP112 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP122 DCCOM-TIP122 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP125 DCCOM-TIP125 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com